Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTP-25-018 Datasheet (PDF) - Renesas Technology Corp

CTP-25-018 Datasheet PDF - Renesas Technology Corp
Part # CTP-25-018
Download  CTP-25-018 Download
File Size   119.59 Kbytes
Page   1 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description PCI Express 5.0 Link Controller

CTP-25-018 Datasheet (PDF)

Go To PDF Page Download Datasheet
CTP-25-018 Datasheet PDF - Renesas Technology Corp

Part # CTP-25-018
Download  CTP-25-018 Click to download

File Size   119.59 Kbytes
Page   1 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description PCI Express 5.0 Link Controller

CTP-25-018 Datasheet (HTML) - Renesas Technology Corp


CTP-25-018 Product details

AMBA® AXI interface
• Conforming to AMBA® AXI Protocol v1.0
Specification ARM IHI 0022B
• Interface: Master/Slave
• Endian: Little
• Bus Width: 128 bits
• DMAC functions are provided
PCIe specification
• Conforming to PCI Express Base
Specification 5.0
• Supports
PCIe1: 2.5[GT/s]
PCIe2: 5.0[GT/s]
PCIe3: 8.0[GT/s])
PCIe4: 16.0[GT/s])
PCIe5: 32[GT/s]
• Root Complex / Endpoint Applications,
Type0/1 Configuration Register




Similar Part No. - CTP-25-018

ManufacturerPart #DatasheetDescription
logo
Contec Co., Ltd
CTP-4D CONTEC-CTP-4D Datasheet
239Kb / 2P
Termination Panel with Differential Receivers for Counter Input
logo
ATGBICS by Approved Tec...
CTP-SFP-1GE-LX-C ATGBICS-CTP-SFP-1GE-LX-C Datasheet
322Kb / 9P
CTP-SFP-1GE-LX Juniper Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
CTP-SFP-1GE-SX-C ATGBICS-CTP-SFP-1GE-SX-C Datasheet
293Kb / 8P
CTP-SFP-1GE-SX Juniper Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
CTP-SFP-1GE-T-C ATGBICS-CTP-SFP-1GE-T-C Datasheet
195Kb / 7P
CTP-SFP-1GE-T Juniper Compatible Transceiver SFP 10/100/1000Base-T (RJ45, Copper, 100m)
logo
List of Unclassifed Man...
CTP-SMA-712M ETC-CTP-SMA-712M Datasheet
43Kb / 1P
CTP-SMA-712M
More results


Similar Description - CTP-25-018

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5946 MAXIM-MAX5946 Datasheet
1,019Kb / 23P
Dual PCI Express, Hot-Plug Controller
Rev 0; 11/04
MAX5954 MAXIM-MAX5954 Datasheet
1Mb / 22P
Single PCI Express, Hot-Plug Controller
Rev 1; 1/06
logo
Silicon image
SII3531A SILICONIMAGE-SII3531A Datasheet
524Kb / 81P
PCI Express to Serial ATA Controller
logo
Texas Instruments
XIO1100 TI-XIO1100 Datasheet
456Kb / 36P
X1 PCI Express Serial Link
logo
Intersil Corporation
ISL6112 INTERSIL-ISL6112 Datasheet
671Kb / 31P
Dual Slot PCI-Express Power Controller
September 28, 2007
logo
AVAGO TECHNOLOGIES LIMI...
SAS9266-4I AVAGO-SAS9266-4I Datasheet
253Kb / 2P
PCI Express SATASAS RAID Controller
SAS9266-8I AVAGO-SAS9266-8I Datasheet
576Kb / 2P
PCI Express SATASAS RAID Controller
SAS9750-24I4E AVAGO-SAS9750-24I4E Datasheet
429Kb / 2P
PCI Express SATASAS RAID Controller
logo
Contec Co., Ltd
SMC-4DL-PE CONTEC-SMC-4DL-PE Datasheet
686Kb / 6P
Motion Controller Board for PCI Express
logo
Texas Instruments
XIO1100 TI-XIO1100_V01 Datasheet
1Mb / 41P
X1 PCI Express Serial Link
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com