Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R06PF0073EJ0102 Datasheet (PDF) - Renesas Technology Corp

R06PF0073EJ0102 Datasheet PDF - Renesas Technology Corp
Part # R06PF0073EJ0102
Download  R06PF0073EJ0102 Download
File Size   107.97 Kbytes
Page   1 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MIPI D-PHY Transmitter/Receiver for Samsung 28nm FD-SOI

R06PF0073EJ0102 Datasheet (PDF)

Go To PDF Page Download Datasheet
R06PF0073EJ0102 Datasheet PDF - Renesas Technology Corp

Part # R06PF0073EJ0102
Download  R06PF0073EJ0102 Click to download

File Size   107.97 Kbytes
Page   1 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MIPI D-PHY Transmitter/Receiver for Samsung 28nm FD-SOI

R06PF0073EJ0102 Datasheet (HTML) - Renesas Technology Corp


R06PF0073EJ0102 Product details

• Renesas MIPI D-PHY Transmitter/Receiver can be used for analog Transmitter/Receiver
of following interface .
- MIPI alliance Specification for D-PHY Version 2.1 15 December 2016.
- MIPI alliance Specification for Display Serial Interface (DSI) Version 1.3.1 Aug 2015.
- MIPI alliance Specification for Camera Serial Interface 2 (CSI-2) Version 2.0 7 Dec 2016.
• Technology is Samsung 28nm FD-SOI 8M.
• Supply voltage can be applied 1.1V for core voltage, 1.8V for IO voltage.
• Maximum data rate of each channel is 1.5Gbps at High-speed mode.




Similar Part No. - R06PF0073EJ0102

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R06PF0073EJ0103 RENESAS-R06PF0073EJ0103 Datasheet
111Kb / 1P
Interface IP MIPI D-PHY Transmitter/Receiver for Samsung 28nm FD-SOI
2025.10
More results


Similar Description - R06PF0073EJ0102

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM93138 BOARDCOM-BCM93138 Datasheet
479Kb / 2P
ADVANCED PHY TRANSMITTER/RECEIVER EVALUATION SYSTEM
logo
Analog Devices
ADV7533 AD-ADV7533 Datasheet
224Kb / 12P
MIPI/DSI Receiver
REV. 0
logo
Keysight Technologies
U4431A KEYSIGHT-U4431A Datasheet
3Mb / 10P
MIPI M-PHY Protocol Analyzer
N4230A KEYSIGHT-N4230A Datasheet
3Mb / 10P
MIPI M-PHY Protocol Analyzer
N8802B KEYSIGHT-N8802B Datasheet
5Mb / 8P
MIPI D-PHY Multilane Protocol
U7238C KEYSIGHT-U7238C Datasheet
2Mb / 15P
MIPI D-PHY Conformance Test Software
U7238D KEYSIGHT-U7238D Datasheet
2Mb / 15P
MIPI D-PHY Conformance Test Software
N8802A KEYSIGHT-N8802A Datasheet
5Mb / 8P
MIPI D-PHY Multilane Protocol
logo
Analog Devices
ADV7535 AD-ADV7535 Datasheet
56Kb / 2P
MIPI/DSI Receiver with HDMI Transmitter
logo
Diodes Incorporated
PI2MEQX2505 DIODES-PI2MEQX2505 Datasheet
1Mb / 17P
MIPI CSI-2/DSI D-PHY ReDriver
Rev 2 - 2 February 2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com