Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD5005-7TC Datasheet (PDF) - Comus International

PD5005-7TC Datasheet PDF - Comus International
Part # PD5005-7TC
Download  PD5005-7TC Download
File Size   5919.72 Kbytes
Page   1 Pages
Manufacturer  COMUS [Comus International]
Direct Link  https://comus-intl.com/
Logo COMUS - Comus International
Description 2.5A Hybrid Tilt Switch - Mercurt Free Product Data Sheet

PD5005-7TC Datasheet (PDF)

Go To PDF Page Download Datasheet
PD5005-7TC Datasheet PDF - Comus International

Part # PD5005-7TC
Download  PD5005-7TC Click to download

File Size   5919.72 Kbytes
Page   1 Pages
Manufacturer  COMUS [Comus International]
Direct Link  https://comus-intl.com/
Logo COMUS - Comus International
Description 2.5A Hybrid Tilt Switch - Mercurt Free Product Data Sheet

PD5005-7TC Datasheet (HTML) - Comus International


PD5005-7TC Product details

Features
Technology : Hybrid Electronic-electromechanical
Switching Voltage : 280 VAC Max
Switching Capacity : 2.5 A 4A Max. 1 minute on time (duty cycle of 80%)




Similar Part No. - PD5005-7TC

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
PD500 ANADIGICS-PD500 Datasheet
122Kb / 2P
500關m InGaAs Photodiode
Rev 1.0
PD500-0XX ANADIGICS-PD500-0XX Datasheet
122Kb / 2P
500關m InGaAs Photodiode
Rev 1.0
PD500-1XX ANADIGICS-PD500-1XX Datasheet
122Kb / 2P
500關m InGaAs Photodiode
Rev 1.0
More results


Similar Description - PD5005-7TC

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XLAMPMCE CREE-XLAMPMCE Datasheet
1Mb / 14P
Product family data sheet
Rev 11A
logo
Anshan Suly Electronics
3QLG5-400KV2.5A ANSHAN-3QLG5-400KV2.5A Datasheet
187Kb / 2P
3QLG5~400KV/2.5A Product Data
logo
American Electronic Com...
DS-120 AEC-DS-120 Datasheet
161Kb / 2P
tilt sensor / tilt switch
logo
Lite-On Technology Corp...
4N35S-TA1 LITEON-4N35S-TA1 Datasheet
616Kb / 12P
Photocoupler Product Data Sheet
CNY17F-3S-TA LITEON-CNY17F-3S-TA Datasheet
461Kb / 10P
Photocoupler Product Data Sheet
LTV-816S-TA1 LITEON-LTV-816S-TA1 Datasheet
1Mb / 18P
Photocoupler Product Data Sheet
LTV-824S LITEON-LTV-824S Datasheet
893Kb / 19P
Photocoupler Product Data Sheet
logo
Murata Manufacturing Co...
PLA10AS1230R6R2B MURATA-PLA10AS1230R6R2B Datasheet
220Kb / 3P
Product Search Data Sheet
PLA10AS1321R7D2B MURATA-PLA10AS1321R7D2B Datasheet
219Kb / 3P
Product Search Data Sheet
PLA10AS1330R5D2B MURATA-PLA10AS1330R5D2B Datasheet
219Kb / 3P
Product Search Data Sheet
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com