Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP2012QML-SP Datasheet (PDF) - Texas Instruments

LMP2012QML-SP Datasheet PDF - Texas Instruments
Part # LMP2012QML-SP
Download  LMP2012QML-SP Download
File Size   192.57 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMP2012QML Dual High Precision, Rail-to-Rail Output Operational Amplifier

LMP2012QML-SP Datasheet (PDF)

Go To PDF Page Download Datasheet
LMP2012QML-SP Datasheet PDF - Texas Instruments

Part # LMP2012QML-SP
Download  LMP2012QML-SP Click to download

File Size   192.57 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMP2012QML Dual High Precision, Rail-to-Rail Output Operational Amplifier

LMP2012QML-SP Datasheet (HTML) - Texas Instruments


LMP2012QML-SP Product details

FEATURES
• Total Ionizing Dose 50 krad(Si)
• ELDRS Free 50 krad(Si)
• TCVIO Temperature Sensitivity (Typical) 0.015
μV/°C
(For V S = 5V, Typical Unless Otherwise Noted)
• Low Ensured VIO over Temperature 60 μV
• Low Noise with no 1/f 35nV/√Hz
• High CMRR 90 dB
• High PSRR 90 dB
• High AVOL 85 dB
• Wide Gain-Bandwidth Product 3MHz
• High Slew Rate 4V/μs gain•
Rail-to-Rail Output 30mV
• No External Capacitors Required

APPLICATIONS
• Attitude and Orbital Controls
• Static Earth Sensing
• Sun Sensors
• Inertial Sensors
• Pressure Sensors
• Gyroscopes
• Earth Observation Systems

DESCRIPTION
The LMP2012 offers unprecedented accuracy and
stability. This device utilizes patented techniques to
measure and continually correct the input offset error
voltage. The result is an amplifier which is ultra stable
over time and temperature. It has excellent CMRR
and PSRR ratings, and does not exhibit the familiar
1/f voltage and current noise increase that plagues
traditional amplifiers. The combination of the
LMP2012 characteristics makes it a good choice for
transducer amplifiers, high gain configurations, ADC
buffer amplifiers, DAC I-V conversion, and any other 2.7V-5V application requiring precision and long term
stability.
Other useful benefits of the LMP2012 are rail-rail
output, low supply current of 930 μA, and wide gain•
bandwidth product of 3 MHz. These extremely
versatile features found in the LMP2012 provide high performance and ease of use.
The QMLV version of the LMP2012 has been rated to
tolerate a total dose level of 50krad/(Si) radiation by
test method 1019 of MIL-STD-883.




Similar Part No. - LMP2012QML-SP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP2012QML-SP TI1-LMP2012QML-SP Datasheet
193Kb / 13P
Dual High Precision, Rail-to-Rail Output Operational Amplifier
More results


Similar Description - LMP2012QML-SP

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP2011 NSC-LMP2011 Datasheet
688Kb / 16P
High Precision, Rail-to-Rail Output Operational Amplifier
LMV2011 NSC-LMV2011 Datasheet
582Kb / 15P
High Precision, Rail-to-Rail Output Operational Amplifier
logo
Analog Devices
AD8698 AD-AD8698 Datasheet
317Kb / 20P
Dual Precision, Rail-to-Rail Output Operational Amplifier
4/04-Revision 0
logo
Intersil Corporation
LMP2015 INTERSIL-LMP2015 Datasheet
511Kb / 16P
High Precision, Rail-to-Rail Output Operational Amplifier
December 18, 2007
logo
National Semiconductor ...
LMP2011 NSC-LMP2011_08 Datasheet
502Kb / 16P
High Precision, Rail-to-Rail Output Operational Amplifier
LMP2012QML NSC-LMP2012QML Datasheet
326Kb / 12P
Dual High Precision, Rail-to-Rail Output Operational Amplifier
LMV2011 NSC-LMV2011_08 Datasheet
485Kb / 16P
High Precision, Rail-to-Rail Output Operational Amplifier
LMV2011 NSC-LMV2011_14 Datasheet
1Mb / 24P
High Precision, Rail-to-Rail Output Operational Amplifier
logo
Texas Instruments
LMP2011 TI1-LMP2011 Datasheet
1Mb / 33P
Dual High Precision, Rail-to-Rail Output Operational Amplifier
LMP2012QML TI1-LMP2012QML Datasheet
193Kb / 13P
Dual High Precision, Rail-to-Rail Output Operational Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com