Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP2012QML-SP Datasheet(PDF) 1 Page - Texas Instruments

Part # LMP2012QML-SP
Description  LMP2012QML Dual High Precision, Rail-to-Rail Output Operational Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP2012QML-SP Datasheet(HTML) 1 Page - Texas Instruments

  LMP2012QML-SP Datasheet HTML 1Page - Texas Instruments LMP2012QML-SP Datasheet HTML 2Page - Texas Instruments LMP2012QML-SP Datasheet HTML 3Page - Texas Instruments LMP2012QML-SP Datasheet HTML 4Page - Texas Instruments LMP2012QML-SP Datasheet HTML 5Page - Texas Instruments LMP2012QML-SP Datasheet HTML 6Page - Texas Instruments LMP2012QML-SP Datasheet HTML 7Page - Texas Instruments LMP2012QML-SP Datasheet HTML 8Page - Texas Instruments LMP2012QML-SP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
OUT A
V
+
1
10
IN A
-
OUT B
2
9
IN A
+
IN B
-
3
8
IN B
+
4
7
N/C
N/C
5
6
V
-
LMP2012QML
www.ti.com
SNOSAU5H – MARCH 2007 – REVISED APRIL 2013
LMP2012QML Dual High Precision, Rail-to-Rail Output Operational Amplifier
1
FEATURES
DESCRIPTION
The LMP2012 offers unprecedented accuracy and
2
•
Total Ionizing Dose 50 krad(Si)
stability. This device utilizes patented techniques to
•
ELDRS Free 50 krad(Si)
measure and continually correct the input offset error
•
TCVIO Temperature Sensitivity (Typical) 0.015
voltage. The result is an amplifier which is ultra stable
µV/°C
over time and temperature. It has excellent CMRR
and PSRR ratings, and does not exhibit the familiar
(For VS = 5V, Typical Unless Otherwise Noted)
1/f voltage and current noise increase that plagues
•
Low Ensured VIO over Temperature 60 µV
traditional
amplifiers.
The
combination
of
the
•
Low Noise with no 1/f 35nV/
√Hz
LMP2012 characteristics makes it a good choice for
transducer amplifiers, high gain configurations, ADC
•
High CMRR 90 dB
buffer amplifiers, DAC I-V conversion, and any other
•
High PSRR 90 dB
2.7V-5V application requiring precision and long term
•
High AVOL 85 dB
stability.
•
Wide Gain-Bandwidth Product 3MHz
Other useful benefits of the LMP2012 are rail-rail
•
High Slew Rate 4V/µs
output, low supply current of 930
μA, and wide gain-
bandwidth product of 3 MHz. These extremely
•
Rail-to-Rail Output 30mV
versatile features found in the LMP2012 provide high
•
No External Capacitors Required
performance and ease of use.
The QMLV version of the LMP2012 has been rated to
APPLICATIONS
tolerate a total dose level of 50krad/(Si) radiation by
•
Attitude and Orbital Controls
test method 1019 of MIL-STD-883.
•
Static Earth Sensing
•
Sun Sensors
•
Inertial Sensors
•
Pressure Sensors
•
Gyroscopes
•
Earth Observation Systems
Connection Diagram
Figure 1. 10-Lead CLGA (Top View)
See NAC Package
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LMP2012QML-SP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP2012QML-SP TI1-LMP2012QML-SP Datasheet
193Kb / 13P
Dual High Precision, Rail-to-Rail Output Operational Amplifier
More results

Similar Description - LMP2012QML-SP

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP2011 NSC-LMP2011 Datasheet
688Kb / 16P
High Precision, Rail-to-Rail Output Operational Amplifier
LMV2011 NSC-LMV2011 Datasheet
582Kb / 15P
High Precision, Rail-to-Rail Output Operational Amplifier
logo
Analog Devices
AD8698 AD-AD8698 Datasheet
317Kb / 20P
Dual Precision, Rail-to-Rail Output Operational Amplifier
4/04-Revision 0
logo
Intersil Corporation
LMP2015 INTERSIL-LMP2015 Datasheet
511Kb / 16P
High Precision, Rail-to-Rail Output Operational Amplifier
December 18, 2007
logo
National Semiconductor ...
LMP2011 NSC-LMP2011_08 Datasheet
502Kb / 16P
High Precision, Rail-to-Rail Output Operational Amplifier
LMP2012QML NSC-LMP2012QML Datasheet
326Kb / 12P
Dual High Precision, Rail-to-Rail Output Operational Amplifier
LMV2011 NSC-LMV2011_08 Datasheet
485Kb / 16P
High Precision, Rail-to-Rail Output Operational Amplifier
LMV2011 NSC-LMV2011_14 Datasheet
1Mb / 24P
High Precision, Rail-to-Rail Output Operational Amplifier
logo
Texas Instruments
LMP2011 TI1-LMP2011 Datasheet
1Mb / 33P
Dual High Precision, Rail-to-Rail Output Operational Amplifier
LMP2012QML TI1-LMP2012QML Datasheet
193Kb / 13P
Dual High Precision, Rail-to-Rail Output Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com