Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP7721 Datasheet (PDF) - Texas Instruments

LMP7721 Datasheet PDF - Texas Instruments
Part # LMP7721
Download  LMP7721 Download
File Size   747.56 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMP7721 3-Femtoampere Input Bias Current Precision Amplifier

LMP7721 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMP7721 Datasheet PDF - Texas Instruments

Part # LMP7721
Download  LMP7721 Click to download

File Size   747.56 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMP7721 3-Femtoampere Input Bias Current Precision Amplifier

LMP7721 Datasheet (HTML) - Texas Instruments


LMP7721 Product details

1 Features
1• Unless Otherwise Noted, Typical Values at TA =
25°C, V S = 5 V.
• Input Bias Current (VCM = 1 V)
– Maximum at 25°C ±20 fA
– Maximum at 85°C ±900 fA
• Offset Voltage ±26 μV
• Offset Voltage Drift −1.5 μV/°C
• DC Open-Loop Gain 120 dB
• DC CMRR 100 dB
• Input Voltage Noise (at f = 1 kHz) 6.5 nV/√Hz
• THD 0.0007%
• Supply Current 1.3 mA
• GBW 17 MHz battery•
Slew Rate (Falling Edge) 12.76 V/μs
• Supply Voltage 1.8 V to 5.5 V
• Operating Temperature Range −40°C to 125°C
• 8-Pin SOIC

2 Applications
• Photodiode Amplifier
• High Impedance Sensor Amplifier
• Ion Chamber Amplifier
• Electrometer Amplifier
• pH Electrode Amplifier
• Transimpedance Amplifier

3 Description
The LMP7721 is the industry’s lowest specified input
bias current precision amplifier. The ultra-low input
bias current is 3 fA, with a specified limit of ±20 fA at
25°C and ±900 fA at 85°C. This is achieved with the
latest patent-pending technology of input bias current
cancellation amplifier circuitry. This technology also
maintains the ultra-low input bias current over the entire input common-mode voltage range of the
amplifier.
Other outstanding features, such as low voltage noise
(6.5 nV/√Hz), low DC-offset voltage (±150 μV
maximum at 25°C) and low-offset voltage
temperature coefficient (−1.5 μV/°C), improve system sensitivity and accuracy in high-precision
applications. With a supply voltage range of 1.8 V to
5.5 V, the LMP7721 is the ideal choice for battery•
operated, portable applications. The LMP7721 is part
of the LMP™ precision amplifier family.
As part of Texas Instruments' PowerWise™ products, the LMP7721 provides the remarkably wide-gain
bandwidth product (GBW) of 17 MHz while
consuming only 1.3 mA of current. This wide GBW
along with the high open-loop gain of 120 dB enables
accurate signal conditioning. With these
specifications, the LMP7721 has the performance to
excel in a wide variety of applications such as
electrochemical cell amplifiers and sensor interface
circuits.
The LMP7721 is offered in an 8-pin SOIC package
with a special pinout that isolates the amplifier’s input
from the power supply and output pins. With proper
board layout techniques, the unique pinout of the
LMP7721 will prevent PCB leakage current from
reaching the input pins. Thus system error will be
further reduced.




Similar Part No. - LMP7721

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP7721 NSC-LMP7721 Datasheet
600Kb / 16P
3 Femtoampere Input Bias Current Precision Amplifier
logo
Texas Instruments
LMP7721 TI-LMP7721 Datasheet
980Kb / 32P
3-Femtoampere Input Bias Current Precision Amplifier
logo
National Semiconductor ...
LMP7721MA NSC-LMP7721MA Datasheet
600Kb / 16P
3 Femtoampere Input Bias Current Precision Amplifier
logo
Texas Instruments
LMP7721MA/NOPB TI-LMP7721MA/NOPB Datasheet
980Kb / 32P
3-Femtoampere Input Bias Current Precision Amplifier
logo
National Semiconductor ...
LMP7721MAX NSC-LMP7721MAX Datasheet
600Kb / 16P
3 Femtoampere Input Bias Current Precision Amplifier
More results


Similar Description - LMP7721

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD549 AD-AD549 Datasheet
418Kb / 12P
Ultralow Input Bias Current Operational Amplifier
OP-297 AD-OP-297 Datasheet
592Kb / 16P
DUAL LOW BIAS CURRENT PRECISION OPERATIONAL AMPLIFIER
OP297 AD-OP297_03 Datasheet
266Kb / 12P
Dual Low Bias Current Precision Operational Amplifier
7/03-Data Sheet changed from REV. D to REV. E.
AD549 AD-AD549_08 Datasheet
1Mb / 20P
Ultralow Input Bias Current Operational Amplifier
Rev. H
logo
National Semiconductor ...
LMP7721 NSC-LMP7721 Datasheet
600Kb / 16P
3 Femtoampere Input Bias Current Precision Amplifier
logo
Analog Devices
OP297 AD-OP297_15 Datasheet
342Kb / 16P
Dual Low Bias Current Precision Operational Amplifier
Rev. G
logo
Texas Instruments
LMP7721 TI-LMP7721_15 Datasheet
980Kb / 32P
3-Femtoampere Input Bias Current Precision Amplifier
logo
Analog Devices
ADA4530-1 AD-ADA4530-1 Datasheet
1Mb / 51P
Femtoampere Input Bias Current Electrometer Amplifier
Rev. A
AD549 AD-AD549_17 Datasheet
1Mb / 19P
Ultralow Input Bias Current Operational Amplifier
2/15-Rev. J to Rev. K
logo
Texas Instruments
OPA928 TI-OPA928 Datasheet
1Mb / 24P
OPA928 16-V, Femtoampere Input Bias, Precision, Rail-to-Rail Input/Output, e-trim™ Operational Amplifier
MARCH 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com