Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP7721 Datasheet(PDF) 7 Page - Texas Instruments

Part # LMP7721
Description  LMP7721 3-Femtoampere Input Bias Current Precision Amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP7721 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMP7721 Datasheet HTML 3Page - Texas Instruments LMP7721 Datasheet HTML 4Page - Texas Instruments LMP7721 Datasheet HTML 5Page - Texas Instruments LMP7721 Datasheet HTML 6Page - Texas Instruments LMP7721 Datasheet HTML 7Page - Texas Instruments LMP7721 Datasheet HTML 8Page - Texas Instruments LMP7721 Datasheet HTML 9Page - Texas Instruments LMP7721 Datasheet HTML 10Page - Texas Instruments LMP7721 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
LMP7721
www.ti.com
SNOSAW6E – JANUARY 2008 – REVISED DECEMBER 2014
Electrical Characteristics: 5 V (continued)
Unless otherwise specified, all limits are specified for TA = 25°C, V
+ = 5 V, V− = 0 V, V
CM = (V
+ + V−)/2.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
IO
Output Short Circuit Current
Sourcing to V−, VIN = 200 mV
(6)
46
60
Sourcing to V−, VIN = 200 mV
(6), –40°C ≤
38
TJ ≤ 125°C
mA
Sinking to V+, VIN = −200 mV
(6)
10.5
22
Sinking to V+, VIN = −200 mV
(6), –40°C ≤
6.5
TJ ≤ 125°C
IS
Supply Current
1.3
1.7
mA
–40°C
≤ TJ ≤ 125°C
1.95
SR
Slew Rate
AV = +1, Rising (10% to 90%)
10.43
V/
μs
AV = +1, Falling (90% to 10%)
12.76
GBW
Gain Bandwidth Product
17
MHz
en
Input-Referred Voltage Noise
f = 400 Hz
7.5
nV/
f = 1 kHz
6.5
In
Input-Referred Current Noise
f = 1 kHz
0.01
pA/
THD+N
Total Harmonic Distortion +
f = 1 kHz, AV = 2, RL = 100 kΩ
0.0007%
Noise
VO = 4 VPP
f = 1 kHz, AV = 2, RL = 600Ω
0.0007%
VO = 4 VPP
(6)
The short circuit test is a momentary open loop test.
Copyright © 2008–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMP7721



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com