Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP7721 Datasheet(PDF) 16 Page - Texas Instruments

Part # LMP7721
Description  LMP7721 3-Femtoampere Input Bias Current Precision Amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP7721 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LMP7721 Datasheet HTML 12Page - Texas Instruments LMP7721 Datasheet HTML 13Page - Texas Instruments LMP7721 Datasheet HTML 14Page - Texas Instruments LMP7721 Datasheet HTML 15Page - Texas Instruments LMP7721 Datasheet HTML 16Page - Texas Instruments LMP7721 Datasheet HTML 17Page - Texas Instruments LMP7721 Datasheet HTML 18Page - Texas Instruments LMP7721 Datasheet HTML 19Page - Texas Instruments LMP7721 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
LMP7721
SNOSAW6E – JANUARY 2008 – REVISED DECEMBER 2014
www.ti.com
7 Detailed Description
7.1 Overview
The LMP7721 combines a patented input bias current cancelling circuitry along with an optimized pinout to
provide and ultra-low maximum specified bias current of ±20 fA.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Ultra-Low Input Bias Current
The LMP7721 has the industry’s lowest specified input bias current. The ultra-low input bias current is typically 3
fA, with a specified limit of ±20 fA at 25°C, ±900 fA at 85°C and ±5 pA at 125°C when VCM = 1 V with a 5-V or a
2.5-V power supply.
7.3.2 Wide Bandwidth at Low-Supply Current
The LMP7721 is a high-performance amplifier that provides a 17-MHz unity gain bandwidth while drawing only
1.3 mA of current. This makes the LMP7721 ideal for wideband amplification in portable applications.
7.3.3 Low Input Referred Noise
The LMP7721 has a low input-referred voltage noise density (6.5 nV
at 1 kHz with 5-V supply). Its MOS input
stage ensures a very low input-referred current noise density (0.01 pA/
).
The low input-referred noise and the ultra-low input bias current make the LMP7721 stand out in maintaining
signal fidelity. This quality makes the LMP7721 a suitable candidate for sensor-based applications.
7.3.4 Low-Supply Voltage
The LMP7721 has performance specified at 2.5-V and 5-V power supplies. The LMP7721 is ensured to be
functional at all supply voltages between 2 V to 5.5 V, for ambient temperatures ranging from
−40°C to 125°C.
This means that the LMP7721 has a long operational span over the battery's lifetime. The LMP7721 is also
specified to be functional at 1.8-V supply voltage, for ambient temperatures ranging from 0°C to 125°C. This
makes the LMP7721 ideal for use in low-voltage commercial applications.
7.3.5 Rail-to-Rail Output and Ground Sensing
Rail-to-rail output swing provides the maximum possible output dynamic range. This is particularly important
when operating at low-supply voltages. An innovative positive feedback scheme is created to boost the
LMP7721’s output current drive capability. This allows the LMP7721 to source 30 mA to 40 mA of current at 1.8-
V power supply.
The LMP7721’s input common-mode range includes the negative supply rail which makes direct sensing at
ground possible in single-supply operation.
16
Submit Documentation Feedback
Copyright © 2008–2014, Texas Instruments Incorporated
Product Folder Links: LMP7721



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com