Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP7721 Datasheet(PDF) 18 Page - Texas Instruments

Part # LMP7721
Description  LMP7721 3-Femtoampere Input Bias Current Precision Amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP7721 Datasheet(HTML) 18 Page - Texas Instruments

Back Button LMP7721 Datasheet HTML 14Page - Texas Instruments LMP7721 Datasheet HTML 15Page - Texas Instruments LMP7721 Datasheet HTML 16Page - Texas Instruments LMP7721 Datasheet HTML 17Page - Texas Instruments LMP7721 Datasheet HTML 18Page - Texas Instruments LMP7721 Datasheet HTML 19Page - Texas Instruments LMP7721 Datasheet HTML 20Page - Texas Instruments LMP7721 Datasheet HTML 21Page - Texas Instruments LMP7721 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
LMP7721
SNOSAW6E – JANUARY 2008 – REVISED DECEMBER 2014
www.ti.com
Device Functional Modes (continued)
In the General Operational Amplifier circuit, Figure 45 the frequency of this pole is:
(1)
where:
•
CS is the total capacitance at the inverting input, including amplifier input capacitance and any stray
capacitance from the circuit board traces.
•
RP is the parallel combination of RF and RIN
The typical input capacitance of the LMP7721 is about 11pF. This formula, as well as all formulas derived below,
apply to inverting and non-inverting op amp configurations.
When the feedback resistors are smaller than a few k
Ω, the frequency of the feedback pole will be quite high,
since CS is generally less than 15 pF. If the frequency of the feedback pole is much higher than the “ideal”
closed-loop bandwidth (the nominal closed-loop bandwidth in the absence of CS), the pole will have a negligible
effect on stability, as it will add only a small amount of phase shift.
However, if the feedback pole is less than approximately 6 to 10 times the “ideal”
−3 dB frequency, a feedback
capacitor, CF, should be connected between the output and the inverting input of the op amp. This condition can
also be stated in terms of the amplifier’s low-frequency noise gain: To maintain stability a feedback capacitor will
probably be needed if
(2)
where
(3)
is the amplifier’s low-frequency noise gain and GBW is the amplifier’s gain bandwidth product. An amplifier’s low-
frequency noise gain is represented by the formula
(4)
regardless of whether the amplifier is being used in inverting or noninverting mode. Note that a feedback
capacitor is more likely to be needed when the noise gain is low and/or the feedback resistor is large.
If the above condition is met (indicating a feedback capacitor will probably be needed), and the noise gain is
large enough that:
(5)
the following value of feedback capacitor is recommended:
(6)
If
18
Submit Documentation Feedback
Copyright © 2008–2014, Texas Instruments Incorporated
Product Folder Links: LMP7721



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com