Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP7721 Datasheet(PDF) 12 Page - Texas Instruments

Part # LMP7721
Description  LMP7721 3-Femtoampere Input Bias Current Precision Amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP7721 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LMP7721 Datasheet HTML 8Page - Texas Instruments LMP7721 Datasheet HTML 9Page - Texas Instruments LMP7721 Datasheet HTML 10Page - Texas Instruments LMP7721 Datasheet HTML 11Page - Texas Instruments LMP7721 Datasheet HTML 12Page - Texas Instruments LMP7721 Datasheet HTML 13Page - Texas Instruments LMP7721 Datasheet HTML 14Page - Texas Instruments LMP7721 Datasheet HTML 15Page - Texas Instruments LMP7721 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
0.001
0.01
0.1
10
OUTPUT AMPLITUDE (VPP)
-120
-100
-80
-60
-40
-20
0
1
V
+
= +2.5V
V
-
= -2.5V
f = 1 kHz
AV = +2
RL = 100 k:
RL = 600:
10
100
1k
10k
100k
FREQUENCY (Hz)
0
0.001
0.002
0.003
0.004
0.005
0.006
RL = 100 k:
RL = 600:
V
+
= +1.2V
V
-
= -0.6V
VCM = 0V
VO = 0.9 VPP
AV = +2
0.01
0.1
1
10
OUTPUT AMPLITUDE (VPP)
-100
-90
-80
-70
-60
-50
-40
RL = 100 k:
RL = 600:
V
+
= +1.2V
V
-
= -0.6V
f = 1 kHz
AV = +2
VCM = 0V
1 Ps/DIV
V
+
= +1.25V
V
-
= -1.25V
VIN = 1 VPP
f = 200 kHz
CL = 10 pF
RL = 1 M:
AV = +1
200 ns/DIV
V
+
= +1.25V
V
-
= -1.25V
VIN = 20 mVPP
f = 1 MHz
AV = +1
CL = 10 pF
RL = 1 M:
1 Ps/DIV
V
+
= +2.5V
V
-
= -2.5V
VIN = 1 VPP
f = 200 kHz
CL = 10 pF
RL = 1 M:
AV = +1
LMP7721
SNOSAW6E – JANUARY 2008 – REVISED DECEMBER 2014
www.ti.com
Typical Characteristics (continued)
Unless otherwise specified: TA = 25°C, VCM = (V
+ + V−)/2.
Figure 26. Large Signal Step Response
Figure 25. Small Signal Step Response
Figure 27. Large Signal Step Response
Figure 28. THD+N vs. Output Voltage
Figure 30. THD+N vs. Frequency
Figure 29. THD+N vs. Output Voltage
12
Submit Documentation Feedback
Copyright © 2008–2014, Texas Instruments Incorporated
Product Folder Links: LMP7721



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com