Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP7721 Datasheet(PDF) 21 Page - Texas Instruments

Part # LMP7721
Description  LMP7721 3-Femtoampere Input Bias Current Precision Amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP7721 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LMP7721 Datasheet HTML 17Page - Texas Instruments LMP7721 Datasheet HTML 18Page - Texas Instruments LMP7721 Datasheet HTML 19Page - Texas Instruments LMP7721 Datasheet HTML 20Page - Texas Instruments LMP7721 Datasheet HTML 21Page - Texas Instruments LMP7721 Datasheet HTML 22Page - Texas Instruments LMP7721 Datasheet HTML 23Page - Texas Instruments LMP7721 Datasheet HTML 24Page - Texas Instruments LMP7721 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
1
OUTER SHIELD/GROUND
SIGNAL CONDUCTOR
GUARD
+
-
+1
IN
Guard
Guard
Driver
VREF
+
-
OUT
LMP7721
www.ti.com
SNOSAW6E – JANUARY 2008 – REVISED DECEMBER 2014
Application Information (continued)
Figure 48. Guarding the Inverting or Transimpedance Configuration
The gain of the buffer should be slightly less than one to prevent oscillations and should be current limited to
protect against short circuits. The buffer amplifier should also be capable of driving large capacitive loads. To
satisfy these two requirements, a small series output resistor is usually placed on the buffer output in the range
of 100
Ω to 1 kΩ.
For optimum results, the guard should completely enclose the input circuitry within a conductive "cocoon",
including above and below the circuitry. A cover or shield connected to the guard should protect the circuitry
above (or below) the PC board. Do not forget about thru-hole devices (like leaded photodiodes or connectors)
that may expose high-impedance nodes to the opposite side of the board.
The guard trace should not be relied upon as the only method of shielding. A ground plane or shield should
surround and protect the guard from large external leakages and noise, as the guard trace has the potential to
couple noise back into the input. For more information on guarding, please see the articles referenced in Related
Documentation.
8.1.2 Use Triaxial Cable
A triaxial cable or connector is similar to a coaxial cable or connector and is often referred to as “triax”. The
triaxial cable extends the guard protection through the length of the cable by adding a second internal guard
"shield" around the center conductor in addition to the outer ground shield. Figure 49 shows the structure of the
triax connector.
Figure 49. The Structure of a Triax
8.1.3 Properly Clean the Assembly
Proper cleaning of the board is very critical to providing the expected sub-picoamp performance. Properly
cleaning the board and components takes a few extra steps over conventional board cleaning methods. Leftover
flux residue, moisture and cleaning solvent residues will severely degrade the low-current performance.
Copyright © 2008–2014, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LMP7721



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com