Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP7721 Datasheet(PDF) 17 Page - Texas Instruments

Part # LMP7721
Description  LMP7721 3-Femtoampere Input Bias Current Precision Amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP7721 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LMP7721 Datasheet HTML 13Page - Texas Instruments LMP7721 Datasheet HTML 14Page - Texas Instruments LMP7721 Datasheet HTML 15Page - Texas Instruments LMP7721 Datasheet HTML 16Page - Texas Instruments LMP7721 Datasheet HTML 17Page - Texas Instruments LMP7721 Datasheet HTML 18Page - Texas Instruments LMP7721 Datasheet HTML 19Page - Texas Instruments LMP7721 Datasheet HTML 20Page - Texas Instruments LMP7721 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
ESD
R1
IN
+
ESD
D1
D2
R2
ESD
IN
-
ESD
V
+
V
-
V
-
V
+
LMP7721
www.ti.com
SNOSAW6E – JANUARY 2008 – REVISED DECEMBER 2014
Feature Description (continued)
7.3.6 Unique Pinout
The LMP7721 has been designed with the IN+ and IN
−, V+ and V− pins on opposite sides of the package. There
are isolation pins between IN+ and V−, IN
− and V+. This unique pinout makes it easy to guard the LMP7721’s
input. This pinout design reduces the input bias current’s dependence on common mode or supply bias.
The SOIC package features low leakage and it has large pin spacing. This lowers the probability of dust particles
settling down between two pins thus reducing the resistance between the pins which can be a problem.
The two No Connect (N/C) isolation pins are not internally connected and may be tied to the guard trace to
provide down-into-the-package level guarding of the inputs.
7.3.7 Input Protection
The LMP7721 input stage is protected from seeing excessive differential input voltage by a pair of back-to-back
diodes attached between the inputs. This limits the differential voltage and hence prevents phase inversion as
well as any performance drift. These diodes can conduct current when the input signal has a really fast edge,
and, if necessary, should be isolated (using a resistor or a current follower) in such cases. Under normal
feedback operation, the average differential voltage is less than 1 mV and these diodes do not affect the normal
operation of the device. This clamp also limits the use as a comparator, which is not a recommended function for
operational amplifiers.
Figure 44. Input Protection Diodes
7.4 Device Functional Modes
7.4.1 Compensating Input Capacitance
The high-input resistance of the LMP7721 allows the use of large feedback and source resistor values without
losing gain accuracy due to loading. However, the circuit will be especially sensitive to its layout when these
large-value resistors are used.
Figure 45. General Operational Amplifier Circuit
Every amplifier has some capacitance between each input and AC ground, and also some differential
capacitance between the inputs. When the feedback network around an amplifier is resistive, this input
capacitance (along with any additional capacitance due to circuit board traces, the socket, etc.) and the feedback
resistors create a pole in the feedback path. This pole can cause gain "peaking" or outright oscillations.
Copyright © 2008–2014, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LMP7721



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com