Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP7721 Datasheet(PDF) 23 Page - Texas Instruments

Part # LMP7721
Description  LMP7721 3-Femtoampere Input Bias Current Precision Amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP7721 Datasheet(HTML) 23 Page - Texas Instruments

Back Button LMP7721 Datasheet HTML 19Page - Texas Instruments LMP7721 Datasheet HTML 20Page - Texas Instruments LMP7721 Datasheet HTML 21Page - Texas Instruments LMP7721 Datasheet HTML 22Page - Texas Instruments LMP7721 Datasheet HTML 23Page - Texas Instruments LMP7721 Datasheet HTML 24Page - Texas Instruments LMP7721 Datasheet HTML 25Page - Texas Instruments LMP7721 Datasheet HTML 26Page - Texas Instruments LMP7721 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
+
-
LMP7721
Ibias
RS
V
+
V
-
VS
Vin
+
-
Vin = VS ± (Ibias x RS)
Error
1
2
3
4
5
7
8
9
10
11
12
13
14
600
500
400
300
200
100
0
-100
-200
-300
-400
-500
-600
pH
mV
100°C (74.04 mV/pH)
25°C (59.16 mV/pH)
0°C (54.20 mV/pH)
LMP7721
www.ti.com
SNOSAW6E – JANUARY 2008 – REVISED DECEMBER 2014
Typical Application (continued)
Figure 51. pH Electrode Transfer Function
The output impedance of a pH electrode is extremely high, ranging from 10 M
Ω to 1000 MΩ. The ultra low input
bias current of the LMP7721 allows the voltage error produced by the input bias current and electrode resistance
to be minimal. For example, the output impedance of the pH electrode used is 10 M
Ω, if an op amp with 3 nA of
Ibias is used, the error caused due to this amplifier’s input bias current and the source resistance of the pH
electrode is 30 mV! This error can be greatly reduced to 30 nV by using the LMP7721.
Figure 52. Error Caused by Amplifier’s Input Bias Current and Sensor Source Impedance
8.2.2 Detailed Design Procedure
The output voltage of the pH electrode will range from 54.2 mV/pH at 0°C, to 74.04 mV/pH at 100°C. The
maximum input voltage will then be ±74.04 mV * 7 = ±518.3 mV. Allowing for output swing and offset headroom,
the maximum output swing should be limited to ±2.4V. The amplifier gain would then be 2.4 V / 0.5183 V = 4.6
V/V.
With RF = 3.57 kΩ and RG = 1 kΩ, the gain would be 4.57 V/V.
The output voltage from the pH electrode is fed to the signal conductor of the triax and then sent to the non-
inverting input of the LMP7721. In this application, the inverting input is a low impedance node and hence is used
to drive the LMP7715 which acts as a guard driver. The output of the guard driver is connected to the guard of
the triax through a 100-
Ω isolation resistor.
Figure 50 is an example of the LMP7721 used as a pH sensor amplifier.
Copyright © 2008–2014, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: LMP7721



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com