Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP7721 Datasheet(PDF) 14 Page - Texas Instruments

Part # LMP7721
Description  LMP7721 3-Femtoampere Input Bias Current Precision Amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP7721 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LMP7721 Datasheet HTML 10Page - Texas Instruments LMP7721 Datasheet HTML 11Page - Texas Instruments LMP7721 Datasheet HTML 12Page - Texas Instruments LMP7721 Datasheet HTML 13Page - Texas Instruments LMP7721 Datasheet HTML 14Page - Texas Instruments LMP7721 Datasheet HTML 15Page - Texas Instruments LMP7721 Datasheet HTML 16Page - Texas Instruments LMP7721 Datasheet HTML 17Page - Texas Instruments LMP7721 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
1.5
2.5
3.5
4.5
5.5
0
10
20
30
40
50
VS (V)
125°C
25°C
-40°C
RL = 2 k:
1.5
2.5
3.5
4.5
5.5
0
10
20
40
60
70
VS (V)
25°C
-40°C
125°C
RL = 600:
50
30
1.5
2.5
3.5
4.5
5.5
0
10
20
30
40
50
VS (V)
125°C
25°C
-40°C
RL = 10 k:
1.5
2.5
3.5
4.5
5.5
0
10
20
30
40
50
VS (V)
125°C
25°C
-40°C
RL = 2 k:
1.5
2.5
3.5
4.5
5.5
0
10
20
30
40
50
VS (V)
125°C
25°C
-40°C
RL = 10 k:
-40°C
0
1
2
3
4
5
0
5
10
15
20
25
30
35
VOUT (V)
125°C
25°C
V
+
= +5V
V
-
= 0V
LMP7721
SNOSAW6E – JANUARY 2008 – REVISED DECEMBER 2014
www.ti.com
Typical Characteristics (continued)
Unless otherwise specified: TA = 25°C, VCM = (V
+ + V−)/2.
Figure 37. Sinking Current vs. Output Voltage
Figure 38. Output Swing High vs. Supply Voltage
Figure 39. Output Swing Low vs. Supply Voltage
Figure 40. Output Swing High vs. Supply Voltage
Figure 41. Output Swing Low vs. Supply Voltage
Figure 42. Output Swing High vs. Supply Voltage
14
Submit Documentation Feedback
Copyright © 2008–2014, Texas Instruments Incorporated
Product Folder Links: LMP7721



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com