Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP8350 Datasheet (PDF) - Texas Instruments

LMP8350 Datasheet PDF - Texas Instruments
Part # LMP8350
Download  LMP8350 Download
File Size   727.88 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMP8350 Ultra-Low Distortion Fully-Differential Precision ADC Driver With Selectable

LMP8350 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMP8350 Datasheet PDF - Texas Instruments

Part # LMP8350
Download  LMP8350 Click to download

File Size   727.88 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMP8350 Ultra-Low Distortion Fully-Differential Precision ADC Driver With Selectable

LMP8350 Datasheet (HTML) - Texas Instruments


LMP8350 Product details

1 Features
1• Differential Input and Output
• Tri-Level Power Settings with Shutdown
• Ultra Low HD2/HD3 and THD+N Distortion
• Adjustable Output Common-Mode Level
• Fully-Balanced Differential Architecture
• Single- or Dual-Supply Operation
• Operating Voltage Range 4.5 V to 12 V
• Supply Current 3 mA to 13 mA
• Total THD+N at 1 KHz 0.000097%
• HD2 / HD3 Distortion at 1 KHz < –124 dBc
• Bandwidth 118 mHz
• Settling to 0.1% 20 ns
• Low Offset Drift 0.4 μV/°C power•
Offset Voltage 80 μV
• Voltage Noise 4.6 nV/Hz
• Operating Temperature Range −40°C to +85°C

2 Applications
• High-Resolution Differential ADC Drivers
• Portable Instrumentation
• Precision Line Drivers

3 Description
The LMP8350 device is an ultra low distortion fully-
differential amplifier designed for driving high- performance precision analog-to-digital converters
ADC). As part of the PowerWise™ family, a unique
mode enable pin allows the user to choose from three
different operating modes, trading power consumption for dynamic performance.
The high power mode is optimized for highest AC performance. The low noise, wide bandwidth, and
fast slew rate make the LMP8350 ideal for driving 24-
bit ADCs with input sampling rates of 10 MHz or less.
The medium power mode is optimized for precision
DC performance, and can be used to drive 24-bit
ADCs with input sampling rates of 6 MHz or less. The
low power mode is a trade-off between AC
performance and quiescent current for power•
sensitive applications. The disable mode fully shuts down the amplifier for further standby power savings.
The fully differential architecture of this device allows for easy implementation of a single-ended to fullydifferential
output conversion. Driving a 3-Vpp, 1-kHz
output sine wave with the amplifier powered by ±3.3-
V rails in high power mode yields 0.000098%
THD+N.
The LMP8350 is part of the LMP™ precision amplifier
family, and is offered in the 8-pin SOIC package, with
an operating temperature range of −40°C to +85°C.




Similar Part No. - LMP8350

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP8350 TI1-LMP8350 Datasheet
522Kb / 24P
Ultra Low Distortion Fully Differential Precision ADC Driver with Selectable Power Modes
LMP8350 TI1-LMP8350 Datasheet
1Mb / 36P
Ultra-Low Distortion Fully-Differential Precision ADC Driver
LMP8350MA TI1-LMP8350MA Datasheet
522Kb / 24P
Ultra Low Distortion Fully Differential Precision ADC Driver with Selectable Power Modes
LMP8350MA TI1-LMP8350MA Datasheet
1Mb / 36P
Ultra-Low Distortion Fully-Differential Precision ADC Driver
LMP8350MA/NOPB TI1-LMP8350MA/NOPB Datasheet
1Mb / 36P
Ultra-Low Distortion Fully-Differential Precision ADC Driver
More results


Similar Description - LMP8350

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8138 AD-AD8138 Datasheet
534Kb / 16P
Low Distortion Differential ADC Driver
3/03-Data Sheet changed from REV. D to REV. E.
ADA4937-1 AD-ADA4937-1 Datasheet
248Kb / 9P
Ultra-Low Distortion Differential ADC Driver
Dec-2006
ADA4938-1 AD-ADA4938-1_06 Datasheet
278Kb / 9P
Ultra-Low Distortion Differential ADC Driver
Dec-2006
AD8138 AD-AD8138_06 Datasheet
496Kb / 24P
Low Distortion Differential ADC Driver
Rev. F
ADA4938-1 AD-ADA4938-1_07 Datasheet
298Kb / 14P
Ultra-Low Distortion Differential ADC Driver
05/07-Rev. PrC to Rev. PrD
logo
Texas Instruments
LMP8350 TI1-LMP8350 Datasheet
522Kb / 24P
Ultra Low Distortion Fully Differential Precision ADC Driver with Selectable Power Modes
logo
National Semiconductor ...
LMP8350 NSC-LMP8350_14 Datasheet
968Kb / 31P
LMP8350 Ultra Low Distortion Fully Differential Precision ADC Driver with Selectable Power Modes
logo
Analog Devices
AD8138 AD-AD8138_15 Datasheet
583Kb / 25P
Low Distortion Differential ADC Driver
Rev. F
logo
Texas Instruments
LMP8350 TI-LMP8350_15 Datasheet
957Kb / 36P
LMP8350 Ultra-Low Distortion Fully-Differential Precision ADC Driver With Selectable Power Modes
LMP8350 TI1-LMP8350_16 Datasheet
1Mb / 36P
Ultra-Low Distortion Fully-Differential Precision ADC Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com