Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMS33460MG/NOPB Datasheet (PDF) - Texas Instruments

LMS33460MG/NOPB Datasheet PDF - Texas Instruments
Part # LMS33460MG/NOPB
Download  LMS33460MG/NOPB Download
File Size   601.17 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMS33460 3-V Undervoltage Detector

LMS33460MG/NOPB Datasheet (PDF)

Go To PDF Page Download Datasheet
LMS33460MG/NOPB Datasheet PDF - Texas Instruments

Part # LMS33460MG/NOPB
Download  LMS33460MG/NOPB Click to download

File Size   601.17 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMS33460 3-V Undervoltage Detector

LMS33460MG/NOPB Datasheet (HTML) - Texas Instruments


LMS33460MG/NOPB Product details

1 Features
1• Ultra-Low Power
• 3-V Detection
• Input Voltage From 0.8 V to 7 V
• Open-Drain Output
• Ultra-Small 5-Pin SC70 Package
• Extended Temperature Range (–40°C to 85°C)
• Ultra-Low Quiescent Current (1 μA Typical)

2 Applications
• Low Battery Voltage Detectors
• Power Fail Indicators
• Processor Reset Generators
• Battery Backup Controls
• Battery-Operated Equipment
• Hand-Held Instruments
• Undervoltage Detectors

3 Description
The LMS33460 device is an undervoltage detector
with a 3‑V threshold and extremely low power
consumption. The LMS33460 is specifically designed
to accurately monitor power supplies. It is especially
suited to battery-powered systems where low
quiescent current and small size are required. This IC
generates an active output whenever the input
voltage drops below 3 V.
This part uses a precision on-chip voltage reference
and a comparator to measure the input voltage. Builtin
hysteresis helps to prevent erratic operation in the
presence of noise. The UVD is available in the ultraminiature
5-pin SC70 package.




Similar Part No. - LMS33460MG/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMS33460MG/NOPB TI1-LMS33460MG/NOPB Datasheet
723Kb / 13P
3V Under Voltage Detector
More results


Similar Description - LMS33460MG/NOPB

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG3546 MICROSEMI-SG3546 Datasheet
156Kb / 7P
3.3 V UNDERVOLTAGE SENSING CIRCUIT
logo
STMicroelectronics
EV-VN7004CH STMICROELECTRONICS-EV-VN7004CH Datasheet
317Kb / 8P
Undervoltage shutdown
14-Oct-2016
EV-VND7050AJ STMICROELECTRONICS-EV-VND7050AJ Datasheet
438Kb / 7P
Undervoltage shutdown
21-Jul-2014
STGIPS10C60T-H STMICROELECTRONICS-STGIPS10C60T-H Datasheet
635Kb / 19P
Undervoltage lockout
08-Apr-2015
STIPN2M50-H STMICROELECTRONICS-STIPN2M50-H Datasheet
990Kb / 21P
Undervoltage lockout
01-Feb-2017
logo
PHOENIX CONTACT
EMD-BL-V-230 PHOENIX-EMD-BL-V-230 Datasheet
139Kb / 6P
Undervoltage monitoring
logo
ON Semiconductor
MC34064 ONSEMI-MC34064_16 Datasheet
126Kb / 11P
Undervoltage Sensing Circuit
October, 2016 ??Rev. 19
logo
ZIEHL industrie-elektro...
SW31K ZIEHL-SW31K Datasheet
279Kb / 1P
Voltage Monitor for 3-Phase Networks Undervoltage
logo
Texas Instruments
TPS37B TI-TPS37B Datasheet
2Mb / 33P
TPS37x (65 V & 2 關A) Over & Undervoltage Detector with Delay Function
TPS3762 TI-TPS3762 Datasheet
2Mb / 39P
TPS3762 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector with Built-In Self-Test
OCTOBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com