Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP339 Datasheet (PDF) - Texas Instruments

LP339 Datasheet PDF - Texas Instruments
Part # LP339
Download  LP339 Download
File Size   482.47 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LOW-POWER QUAD DIFFERENTIAL COMPARATORS

LP339 Datasheet (PDF)

Go To PDF Page Download Datasheet
LP339 Datasheet PDF - Texas Instruments

Part # LP339
Download  LP339 Click to download

File Size   482.47 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LOW-POWER QUAD DIFFERENTIAL COMPARATORS

LP339 Datasheet (HTML) - Texas Instruments


LP339 Product details

Wide Supply-Voltage Range . . . 3 V to 30 V
Ultralow Power Supply Current
Drain . . . 60 μA Typ
Low Input Biasing Current . . . 3 nA
Low Input Offset Current . . . ±0.5 nA
Low Input Offset Voltage . . . ±2 mV
Common-Mode Input Voltage Includes
Ground
Output Voltage Compatible With MOS and
CMOS Logic
High Output Sink-Current Capability
(30 mA at VO = 2V)
Power Supply Input Reverse-Voltage
Protected
Single-Power-Supply Operation
Pin-for-Pin Compatible With LM239, LM339,
LM2901

description/ordering information
The LP239, LP339, LP2901 are low-power quadruple differential comparators. Each device consists of four
independent voltage comparators designed specifically to operate from a single power supply and typically to
draw 60-μA drain current over a wide range of voltages. Operation from split power supplies also is possible
and the ultra-low power-supply drain current is independent of the power-supply voltage.
Applications include limit comparators, simple analog-to-digital converters, pulse generators, squarewave
generators, time-delay generators, voltage-controlled oscillators, multivibrators, and high-voltage logic gates.
The LP239, LP339, LP2901 were designed specifically to interface with the CMOS logic family. The ultra-low
power-supply current makes these products desirable in battery-powered applications.
The LP239 is characterized for operation from −25°C to 85°C. The LP339 is characterized for operation from
0°C to 70°C. The LP2901 is characterized for operation from −40°C to 85°C.




Similar Part No. - LP339

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP339 NSC-LP339 Datasheet
228Kb / 11P
Ultra-Low Power Quad Comparator
logo
Texas Instruments
LP339 TI-LP339 Datasheet
257Kb / 10P
LOW-POWER QUAD DIFFERENTIAL COMPARATORS
LP339 TI1-LP339 Datasheet
274Kb / 14P
Ultra-Low Power Quad Comparator
LP339 TI1-LP339 Datasheet
274Kb / 15P
Ultra-Low Power Quad Comparator
LP339 TI2-LP339 Datasheet
273Kb / 14P
LP339 Ultra-Low Power Quad Comparator
August 2000
More results


Similar Description - LP339

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM139 TI-LM139 Datasheet
518Kb / 19P
QUAD DIFFERENTIAL COMPARATORS
LM139 TI-LM139_06 Datasheet
587Kb / 23P
QUAD DIFFERENTIAL COMPARATORS
LP239 TI-LP239_06 Datasheet
257Kb / 10P
LOW-POWER QUAD DIFFERENTIAL COMPARATORS
logo
Estek Electronics Co. L...
ET-LM339 ESTEK-ET-LM339 Datasheet
277Kb / 6P
Quad Differential Comparators
logo
Texas Instruments
LM139A TI1-LM139A Datasheet
1Mb / 33P
QUAD DIFFERENTIAL COMPARATORS
LM139 TI1-LM139_14 Datasheet
1Mb / 34P
QUAD DIFFERENTIAL COMPARATORS
OPA843IDBVRG4 TI1-OPA843IDBVRG4 Datasheet
1Mb / 34P
QUAD DIFFERENTIAL COMPARATORS
LM139-MIL TI1-LM139-MIL Datasheet
478Kb / 19P
Quad Differential Comparators
logo
3PEAK INC.
LM393 3PEAK-LM393 Datasheet
1Mb / 13P
36V Low Power Dual/Quad Differential Comparators
LM2903 3PEAK-LM2903 Datasheet
651Kb / 12P
36V Low Power Dual/Quad Differential Comparators
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com