Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP339 Datasheet (PDF) - Texas Instruments

LP339 Datasheet PDF - Texas Instruments
Part # LP339
Download  LP339 Download
File Size   273.29 Kbytes
Page   14 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP339 Ultra-Low Power Quad Comparator

LP339 Datasheet (PDF)

Go To PDF Page Download Datasheet
LP339 Datasheet PDF - Texas Instruments

Part # LP339
Download  LP339 Click to download

File Size   273.29 Kbytes
Page   14 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP339 Ultra-Low Power Quad Comparator

LP339 Datasheet (HTML) - Texas Instruments


LP339 Product details

General Description
The LP339 consists of four independent voltage comparators
designed specifically to operate from a single power
supply and draw typically 60 μA of power supply drain current
over a wide range of power supply voltages. Operation
from split supplies is also possible and the ultra-low power
supply drain current is independent of the power supply voltage.
These comparators also feature a common-mode
range which includes ground, even when operated from a
single supply.
Applications include limit comparators, simple
analog-to-digital converters, pulse, square and time delay
generators; VCO’s; multivibrators; high voltage logic gates.
The LP339 was specifically designed to interface with the
CMOS logic family. The ultra-low supply current makes the
LP339 valuable in battery powered applications.

Advantages
Ultra-low power supply drain suitable for battery
applications
Single supply operation
Sensing at ground
Compatible with CMOS logic family
Pin-out identical to LM339

Features
Ultra-low power supply current drain
(60 μA)—independent of the supply voltage
(75 μW/comparator at +5 VDC)
Low input biasing current: 3 nA
Low input offset current: ±0.5 nA
Low input offset voltage: ±2 mV
Input common-mode voltage includes ground
Output voltage compatible with MOS and CMOS logic
High output sink current capability (30 mA at VO=2 VDC)
Supply Input protected against reverse voltages




Similar Part No. - LP339

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP339 NSC-LP339 Datasheet
228Kb / 11P
Ultra-Low Power Quad Comparator
logo
Texas Instruments
LP339 TI-LP339 Datasheet
257Kb / 10P
LOW-POWER QUAD DIFFERENTIAL COMPARATORS
LP339 TI1-LP339 Datasheet
274Kb / 14P
Ultra-Low Power Quad Comparator
LP339 TI1-LP339 Datasheet
274Kb / 15P
Ultra-Low Power Quad Comparator
LP339 TI2-LP339 Datasheet
482Kb / 15P
LOW-POWER QUAD DIFFERENTIAL COMPARATORS
REVISED SEPTEMBER 2004
More results


Similar Description - LP339

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP339 NSC-LP339 Datasheet
228Kb / 11P
Ultra-Low Power Quad Comparator
logo
Analog Devices
CMP04 AD-CMP04 Datasheet
275Kb / 8P
Quad Low Power, Precision Comparator
3/03-Data Sheet changed from REV. C to REV. D.
logo
NEC
UPC339 NEC-UPC339 Datasheet
61Kb / 12P
LOW POWER QUAD COMPARATOR
logo
STMicroelectronics
LM2901 STMICROELECTRONICS-LM2901_06 Datasheet
532Kb / 16P
Low power quad voltage comparator
18-Jul-2006
logo
Texas Instruments
LP2901-Q1 TI-LP2901-Q1 Datasheet
154Kb / 8P
LOW-POWER QUAD DIFFERENTIAL COMPARATOR
logo
Gamma Microelectronics ...
GM339 GAMMA-GM339 Datasheet
125Kb / 7P
LOW POWER QUAD DIFFERENTIAL COMPARATOR
logo
KODENSHI_AUK CORP.
SN339 KODENSHI-SN339 Datasheet
432Kb / 8P
Low Power Quad Comparator
logo
Texas Instruments
LP339 TI1-LP339 Datasheet
274Kb / 14P
Ultra-Low Power Quad Comparator
LP339 TI1-LP339_14 Datasheet
274Kb / 15P
Ultra-Low Power Quad Comparator
logo
Renesas Technology Corp
PC339 RENESAS-PC339_15 Datasheet
236Kb / 13P
LOW POWER QUAD COMPARATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com