Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW3938-D Datasheet (PDF) - TT Electronics.

SW3938-D Datasheet PDF - TT Electronics.
Part # SW3938-D
Download  SW3938-D Download
File Size   319.13 Kbytes
Page   2 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description LUGGED POWER SUPPLY 12VDC 18WATT

SW3938-D Datasheet (PDF)

Go To PDF Page Download Datasheet
SW3938-D Datasheet PDF - TT Electronics.

Part # SW3938-D
Download  SW3938-D Click to download

File Size   319.13 Kbytes
Page   2 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description LUGGED POWER SUPPLY 12VDC 18WATT

SW3938-D Datasheet (HTML) - TT Electronics.


SW3938-D Product details

Features:
• Lugged case for fixing to flat surface
• C8 Input Connector
• 1 Year Warranty
• Efficiency Level VI
• Safety approved to: UL & CE
Description:
Our Range of 18 Watt AC/DC switch mode power supplies provide 18 Watts of continuous output power in a high quality compact enclosure suitable for many general power applications.




Similar Part No. - SW3938-D

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
SW3923C TTELEC-SW3923C Datasheet
268Kb / 2P
EXTERNAL DSEKTOP POWER SUPPLY 24VDC 65WATT
01/10/2021
More results


Similar Description - SW3938-D

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BWL-3A4A01H BRIGHT-BWL-3A4A01H Datasheet
229Kb / 5P
12VDC 4W AlInGaN White Low power consumption.
BWL-3A4A01H-H1 BRIGHT-BWL-3A4A01H-H1 Datasheet
244Kb / 5P
12VDC 4W AlInGaN White Low power consumption.
logo
rfsolutions.ltd
PSU-12V1AIN-IP-1 RFSOLUTIONS-PSU-12V1AIN-IP-1 Datasheet
234Kb / 3P
Waterproof 12Vdc Power Supply IP67
logo
Lineage Power Corporati...
CLP0212 LINEAGEPOWER-CLP0212 Datasheet
1Mb / 15P
90 - 264Vac input; 12Vdc output; 200W Output Power
logo
OptoSupply Internationa...
OSBBXX OPTOSUPPLY-OSBBXX Datasheet
104Kb / 3P
Voltages available 12VDC
logo
Diodes Incorporated
AL8807EV4 DIODES-AL8807EV4 Datasheet
262Kb / 8P
12VDC and 12VAC input
MAY 2012
logo
rfsolutions.ltd
PSU-12V1AIN-IP RFSOLUTIONS-PSU-12V1AIN-IP Datasheet
1Mb / 3P
Waterproof 12Vdc Power Supply IP67
logo
Contec Co., Ltd
CPS-PWD-15AW12-01 CONTEC-CPS-PWD-15AW12-01 Datasheet
388Kb / 2P
12VDC AC-DC Power Supply Unit
logo
Advantech Co., Ltd.
PS23VDC3P ADVANTECH-PS23VDC3P Datasheet
218Kb / 1P
Hardened AC Power Adapter, 12VDC, 36W, USA Plug
logo
CamdenBoss Ltd.
400-011 CAMDENBOSS-400-011 Datasheet
329Kb / 1P
400 series lugged cable entry boxes
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com