Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68HC08 Datasheet (PDF) - Freescale Semiconductor, Inc

M68HC08 Datasheet PDF - Freescale Semiconductor, Inc
Part # M68HC08_V01
Download  M68HC08 Download
File Size   1014.89 Kbytes
Page   172 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description M68HC08 Microcontrollers

M68HC08 Datasheet (PDF)

Go To PDF Page Download Datasheet
M68HC08 Datasheet PDF - Freescale Semiconductor, Inc

Part # M68HC08_V01
Download  M68HC08 Click to download

File Size   1014.89 Kbytes
Page   172 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description M68HC08 Microcontrollers

M68HC08 Datasheet (HTML) - Freescale Semiconductor, Inc


M68HC08 Product details

General Description
1.1 Introduction
The MC68H(R)C908JL3E is a member of the low-cost, high-performance M68HC08 Family of 8-bit microcontroller units (MCUs). The M68HC08 Family is based on the customer-specified integrated circuit (CSIC) design strategy. All MCUs in the family use the enhanced M68HC08 central processor unit (CPU08) and are available with a variety of modules, memory sizes and types, and package types.

1.2 Features
Features of the MC68H(R)C908JL3E include the following:
• EMC enhanced version of MC68H(R)C908JL3/JK3/JK1
• High-performance M68HC08 architecture
• Fully upward-compatible object code with M6805, M146805, and M68HC05 Families
• Low-power design; fully static with stop and wait modes
• Maximum internal bus frequency:
– 8-MHz at 5V operating voltage
– 4-MHz at 3V operating voltage
• Oscillator options:
– Crystal oscillator for MC68HC908JL3E/JK3E/JK1E
– RC oscillator for MC68HRC908JL3E/JK3E/JK1E
• User program FLASH memory with security(1) feature
– 4,096 bytes for MC68H(R)C908JL3E/JK3E
– 1,536 bytes for MC68H(R)C908JK1E
• 128 bytes of on-chip RAM
• 2-channel, 16-bit timer interface module (TIM)
• 12-channel, 8-bit analog-to-digital converter (ADC)
• 23 general purpose I/O ports for MC68H(R)C908JL3E:
– 7 keyboard interrupt with internal pull-up (6 keyboard interrupt for MC68HC908JL3E)
– 10 LED drivers (sink)
– 2 × 25mA open-drain I/O with pull-up
• 15 general purpose I/O ports for MC68H(R)C908JK3E/JK1E:
– 1 keyboard interrupt with internal pull-up (MC68HRC908JK3E/JK1E only)
– 4 LED drivers (sink)
– 2 × 25mA open-drain I/O with pull-up
– 10-channel ADC
• System protection features:
– Optional computer operating properly (COP) reset
– Optional low-voltage detection with reset and selectable trip points for 3V and 5V operation
– Illegal opcode detection with reset
– Illegal address detection with reset
• Master reset pin with internal pull-up and power-on reset
• IRQ1 with schmitt-trigger input and programmable pull-up
• 28-pin PDIP, 28-pin SOIC, and 48-pin LQFP packages for MC68H(R)C908JL3E
• 20-pin PDIP and 20-pin SOIC packages for MC68H(R)C908JK3E/JK1E




Similar Part No. - M68HC08_V01

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M68HC08M6 MOTOROLA-M68HC08M6 Datasheet
5Mb / 454P
HCMOS Microcontroller Unit
M68HC08M68H MOTOROLA-M68HC08M68H Datasheet
3Mb / 456P
HCMOS Microcontroller Unit
More results


Similar Description - M68HC08_V01

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68HC908AZ32A FREESCALE-MC68HC908AZ32A Datasheet
3Mb / 324P
M68HC08 Microcontrollers
MC68HC908JB8 FREESCALE-MC68HC908JB8 Datasheet
1Mb / 286P
M68HC08 Microcontrollers
MC68HC908JB16 FREESCALE-MC68HC908JB16 Datasheet
3Mb / 332P
M68HC08 Microcontrollers
MC68HC908KX8 FREESCALE-MC68HC908KX8 Datasheet
1Mb / 210P
M68HC08 Microcontrollers
MC68HC908LJ24 FREESCALE-MC68HC908LJ24 Datasheet
4Mb / 464P
M68HC08 Microcontrollers
MC68HC908QF4 FREESCALE-MC68HC908QF4 Datasheet
2Mb / 196P
M68HC08 Microcontrollers
MC68HC908JW32 FREESCALE-MC68HC908JW32_09 Datasheet
2Mb / 232P
M68HC08 Microcontrollers
MC68HC908QC16 FREESCALE-MC68HC908QC16_08 Datasheet
3Mb / 274P
M68HC08 Microcontrollers
MC908AS60ACFU FREESCALE-MC908AS60ACFU Datasheet
2Mb / 414P
M68HC08 Microcontrollers
logo
Motorola, Inc
MC68HC908QT4CPE MOTOROLA-MC68HC908QT4CPE Datasheet
3Mb / 192P
M68HC08 Microcontrollers
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com