Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2456 Datasheet (PDF) - Monolithic Power Systems

MP2456 Datasheet PDF - Monolithic Power Systems
Part # MP2456
Download  MP2456 Download
File Size   563.56 Kbytes
Page   14 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 0.5A, 50V, 1.2MHz Step-Down Converter in a TSOT23-6

MP2456 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP2456 Datasheet PDF - Monolithic Power Systems

Part # MP2456
Download  MP2456 Click to download

File Size   563.56 Kbytes
Page   14 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 0.5A, 50V, 1.2MHz Step-Down Converter in a TSOT23-6

MP2456 Datasheet (HTML) - Monolithic Power Systems


MP2456 Product details

DESCRIPTION
The MP2456 is a monolithic, step-down, switchmode converter with a built-in power MOSFET. It achieves a 0.5A peak-output current over a wide input supply range with excellent load and line regulation. Current-mode operation provides a fast transient response and eases loop stabilization. Fault condition protections include cycle-by-cycle current limiting and thermal shutdown.
The MP2456 requires a minimal number of readily-available external components. The MP2456 is available in a TSOT23-6 package.

FEATURES
 0.5A Peak Output Current
 1Ω Internal Power MOSFET
 Capable to Start Up with Big Output Capacitor
 Stable with Low-ESR Ceramic Output Capacitors
 Up to 90% Efficiency
 0.1μA Shutdown Mode
 Fixed 1.2MHz Frequency
 Thermal Shutdown
 Cycle-by-Cycle Over-Current Protection
 Wide 4.5V-to-50V Operating Input Range
 Output Adjustable from 0.81V to 0.9xVIN
 Available in a TSOT23-6 Package

APPLICATIONS
 Power Meters
 Distributed Power Systems
 Battery Chargers
 Pre-Regulator for Linear Regulators
 WLED Drivers




Similar Part No. - MP2456

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
MP245 CTS-MP245 Datasheet
133Kb / 5P
Quartz Crystal
logo
Monolithic Power System...
MP2451 MPS-MP2451 Datasheet
471Kb / 16P
36V, 2MHz, 0.6A Step-Down Converter
Rev. 1.34 8/6/2019
MP2451DJ MPS-MP2451DJ Datasheet
471Kb / 16P
36V, 2MHz, 0.6A Step-Down Converter
Rev. 1.34 8/6/2019
MP2451DT MPS-MP2451DT Datasheet
471Kb / 16P
36V, 2MHz, 0.6A Step-Down Converter
Rev. 1.34 8/6/2019
MP2452 MPS-MP2452 Datasheet
478Kb / 16P
1A, 36V, 1MHz Step-Down Converter
More results


Similar Description - MP2456

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV2359DJ-00B MPS-EV2359DJ-00B Datasheet
163Kb / 4P
1.2A, 24V, 1.4MHz Step-Down Converter Evaluation Board in TSOT23-6
MP2359 MPS-MP2359 Datasheet
377Kb / 9P
1.2A, 24V, 1.4MHz Step-Down Converter in a TSOT23-6
MP2357 MPS-MP2357 Datasheet
677Kb / 10P
0.5A, 24V, 1.4MHz Step-Down Converter in a TSOT23-6
MP2370 MPS-MP2370 Datasheet
491Kb / 8P
1.2A, 24V, 1.4MHz Step-Down White LED Driver in a TSOT23-6
MP2459 MPS-MP2459 Datasheet
886Kb / 13P
0.5A, 55V, 480kHz Step-Down Converter in a TSOT23-6
MP28367 MPS-MP28367 Datasheet
367Kb / 9P
1A, 21V, 1.4MHz Step-Down Converter in a TSOT23-6
MP29368 MPS-MP29368 Datasheet
363Kb / 8P
1.2A, 24V, 1.4MHz Step-Down Converter in a TSOT23-6
logo
Texas Instruments
TPS62243-Q1 TI1-TPS62243-Q1 Datasheet
1Mb / 23P
Automotive 2.25MHz 300mA Step-Down Converter in TSOT23 Package
logo
Monolithic Power System...
MPQ2456 MPS-MPQ2456 Datasheet
741Kb / 14P
0.5A, 50V, 1.2MHz Step-Down Converter in a TSOT23-6
MPQ2459 MPS-MPQ2459 Datasheet
887Kb / 13P
0.5A, 55V, 480KHz, Step-Down Converter in a TSOT23-6 Package AEC-Q100 Qualified
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com