Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2901 Datasheet (PDF) - Texas Instruments

LP2901 Datasheet PDF - Texas Instruments
Part # LP2901
Download  LP2901 Download
File Size   393.15 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LOW-POWER QUAD DIFFERENTIAL COMPARATOR

LP2901 Datasheet (PDF)

Go To PDF Page Download Datasheet
LP2901 Datasheet PDF - Texas Instruments

Part # LP2901
Download  LP2901 Click to download

File Size   393.15 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LOW-POWER QUAD DIFFERENTIAL COMPARATOR

LP2901 Datasheet (HTML) - Texas Instruments


LP2901 Product details

1FEATURES
· Qualified for Automotive Applications
· Wide Supply-Voltage Range . . . 3 V to 30 V
· Ultra-Low Power-Supply Current
Drain . . . 60 mA Typ
· Low Input Biasing Current . . . 3 nA
· Low Input Offset Current . . . ±0.5 nA
· Low Input Offset Voltage . . . ±2 mV
· Common-Mode Input Voltage Includes Ground
· Output Voltage Compatible With MOS and
CMOS Logic
· High Output Sink-Current Capability
(30 mA at VO = 2 V)
· Power-Supply Input Reverse Voltage Protected
· Single Power-Supply Operation
· Pin-for-Pin Compatible With LM239, LM339,
LM2901

DESCRIPTION/ORDERING INFORMATION
The LP2901 is a low-power quadruple differential comparator. The device consists of four independent voltage
comparators designed specifically to operate from a single power supply and, typically, to draw 60-mA drain
current over a wide range of voltages. Operation from split power supplies also is possible, and the ultra-low
power-supply drain current is independent of the power-supply voltage.
Applications include limit comparators, simple analog-to-digital converters, pulse generators, square-wave
generators, time-delay generators, voltage-controlled oscillators, multivibrators, and high-voltage logic gates. The
LP2901 is designed specifically to interface with the CMOS logic family. The ultra-low power-supply current
makes these products desirable in battery-powered applications.
The LP2901 is characterized for operation from –40°C to 85°C.




Similar Part No. - LP2901

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2901 TI-LP2901 Datasheet
257Kb / 10P
LOW-POWER QUAD DIFFERENTIAL COMPARATORS
LP2901 TI2-LP2901 Datasheet
482Kb / 15P
LOW-POWER QUAD DIFFERENTIAL COMPARATORS
REVISED SEPTEMBER 2004
LP2901-Q1 TI-LP2901-Q1 Datasheet
154Kb / 8P
LOW-POWER QUAD DIFFERENTIAL COMPARATOR
LP2901-Q1 TI1-LP2901-Q1 Datasheet
198Kb / 10P
LOW-POWER QUAD DIFFERENTIAL COMPARATOR
LP2901-Q1 TI2-LP2901-Q1 Datasheet
482Kb / 15P
LOW-POWER QUAD DIFFERENTIAL COMPARATORS
REVISED SEPTEMBER 2004
More results


Similar Description - LP2901

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCLM339 UTC-UTCLM339 Datasheet
42Kb / 4P
QUAD DIFFERENTIAL COMPARATOR
logo
Wuxi Youda electronics ...
YD393 YOUDA-YD393 Datasheet
100Kb / 3P
QUAD DIFFERENTIAL COMPARATOR
logo
Unisonic Technologies
LM339 UTC-LM339_05 Datasheet
127Kb / 6P
QUAD DIFFERENTIAL COMPARATOR
logo
Texas Instruments
LP2901-Q1 TI-LP2901-Q1 Datasheet
154Kb / 8P
LOW-POWER QUAD DIFFERENTIAL COMPARATOR
logo
Gamma Microelectronics ...
GM339 GAMMA-GM339 Datasheet
125Kb / 7P
LOW POWER QUAD DIFFERENTIAL COMPARATOR
logo
Texas Instruments
LM239AQDRQ1 TI-LM239AQDRQ1 Datasheet
140Kb / 6P
QUAD DIFFERENTIAL COMPARATOR
logo
Cystech Electonics Corp...
LM339PC CYSTEKEC-LM339PC Datasheet
502Kb / 6P
Quad Differential Comparator
logo
Texas Instruments
LM239A-EP TI1-LM239A-EP_14 Datasheet
600Kb / 16P
QUAD DIFFERENTIAL COMPARATOR
LM139-SP TI1-LM139-SP_14 Datasheet
214Kb / 14P
QUAD DIFFERENTIAL COMPARATOR
LP2901-Q1 TI1-LP2901-Q1_14 Datasheet
198Kb / 10P
LOW-POWER QUAD DIFFERENTIAL COMPARATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com