Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3881 Datasheet (PDF) - Texas Instruments

LP3881 Datasheet PDF - Texas Instruments
Part # LP3881
Download  LP3881 Download
File Size   621.67 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP3881 0.8A Fast-Response Ultra Low Dropout Linear Regulators

LP3881 Datasheet (PDF)

Go To PDF Page Download Datasheet
LP3881 Datasheet PDF - Texas Instruments

Part # LP3881
Download  LP3881 Click to download

File Size   621.67 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP3881 0.8A Fast-Response Ultra Low Dropout Linear Regulators

LP3881 Datasheet (HTML) - Texas Instruments


LP3881 Product details

1FEATURES
2• Ultra Low Dropout Voltage (75 mV @ 0.8A Typ)
• Low Ground Pin Current
• Load Regulation of 0.04%/A
• 60 nA Typical Quiescent Current in Shutdown
• 1.5% Output Accuracy (25°C)
• TO-220, TO-263 and SOIC-8 Packages
• Over Temperature/Over Current Protection
• −40°C to +125°C Junction Temperature Range

APPLICATIONS
• DSP Power Supplies
• Server Core and I/O Supplies
• PC Add-in-Cards
• Local Regulators in Set-Top Boxes
• Microcontroller Power Supplies
• High Efficiency Power Supplies
• SMPS Post-Regulators

DESCRIPTION
The LP3881 is a high current, fast response regulator
which can maintain output voltage regulation with
minimum input to output voltage drop. Fabricated on
a CMOS process, the device operates from two input
voltages: Vbias provides voltage to drive the gate of
the N-MOS power transistor, while Vin is the input voltage which supplies power to the load. The use of
an external bias rail allows the part to operate from
ultra low Vin voltages. Unlike bipolar regulators, the
CMOS architecture consumes extremely low
quiescent current at any output load current. The use
of an N-MOS power transistor results in wide bandwidth, yet minimum external capacitance is
required to maintain loop stability.
The fast transient response of these devices makes
them suitable for use in powering DSP,
Microcontroller Core voltages and Switch Mode
Power Supply post regulators. The parts are available
in TO-220, TO-263 and SOIC-8 packages.
Dropout Voltage: 75 mV (typ) @ 0.8A load current.
Ground Pin Current: 3 mA (typ) at full load.
Shutdown Current: 60 nA (typ) when S/D pin is low.
Precision Output Voltage: 1.5% room temperature
accuracy.




Similar Part No. - LP3881

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3881 NSC-LP3881 Datasheet
748Kb / 12P
0.8A Fast-Response Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3881 TI1-LP3881 Datasheet
1Mb / 18P
0.8A Fast-Response Ultra Low Dropout Linear Regulators
logo
National Semiconductor ...
LP3881EMR-1.2 NSC-LP3881EMR-1.2 Datasheet
748Kb / 12P
0.8A Fast-Response Ultra Low Dropout Linear Regulators
LP3881EMR-1.5 NSC-LP3881EMR-1.5 Datasheet
748Kb / 12P
0.8A Fast-Response Ultra Low Dropout Linear Regulators
LP3881EMR-1.8 NSC-LP3881EMR-1.8 Datasheet
748Kb / 12P
0.8A Fast-Response Ultra Low Dropout Linear Regulators
More results


Similar Description - LP3881

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3891 NSC-LP3891 Datasheet
307Kb / 12P
0.8A Fast-Response Ultra Low Dropout Linear
LP3881 NSC-LP3881 Datasheet
748Kb / 12P
0.8A Fast-Response Ultra Low Dropout Linear Regulators
LP3871 NSC-LP3871 Datasheet
311Kb / 14P
0.8A Fast Ultra Low Dropout Linear Regulators
LP3874-ADJ NSC-LP3874-ADJ Datasheet
693Kb / 15P
0.8A Fast Ultra Low Dropout Linear Regulators
LP3871 NSC-LP3871_04 Datasheet
360Kb / 18P
0.8A Fast Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3891EMR-12 TI1-LP3891EMR-12 Datasheet
1Mb / 19P
LP3891 0.8A Fast-Response Ultra Low Dropout Linear Regulators
logo
National Semiconductor ...
LP3874EMP-18 NSC-LP3874EMP-18 Datasheet
752Kb / 18P
0.8A Fast Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3874-ADJ TI1-LP3874-ADJ Datasheet
1Mb / 20P
0.8A Fast Ultra Low Dropout Linear Regulators
LP3881 TI1-LP3881 Datasheet
1Mb / 18P
0.8A Fast-Response Ultra Low Dropout Linear Regulators
LP3891 TI1-LP3891 Datasheet
1Mb / 19P
0.8A Fast-Response Ultra Low Dropout Linear Regulators
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com