Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3881 Datasheet(PDF) 10 Page - Texas Instruments

Part # LP3881
Description  LP3881 0.8A Fast-Response Ultra Low Dropout Linear Regulators
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3881 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP3881 Datasheet HTML 6Page - Texas Instruments LP3881 Datasheet HTML 7Page - Texas Instruments LP3881 Datasheet HTML 8Page - Texas Instruments LP3881 Datasheet HTML 9Page - Texas Instruments LP3881 Datasheet HTML 10Page - Texas Instruments LP3881 Datasheet HTML 11Page - Texas Instruments LP3881 Datasheet HTML 12Page - Texas Instruments LP3881 Datasheet HTML 13Page - Texas Instruments LP3881 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
LP3881
SNVS224F – MARCH 2003 – REVISED APRIL 2013
www.ti.com
The maximum allowable value for junction to ambient Thermal Resistance,
θJA, can be calculated using the
formula:
θJA = TRmax / PD
These parts are available in TO-220 and TO-263 packages. The thermal resistance depends on amount of
copper area or heat sink, and on air flow. If the maximum allowable value of
θJA calculated above is ≥ 60 °C/W
for TO-220 package and
≥ 60 °C/W for TO-263 package no heatsink is needed since the package can dissipate
enough heat to satisfy these requirements. If the value for allowable
θJA falls below these limits, a heat sink is
required.
HEATSINKING TO-220 PACKAGE
The thermal resistance of a TO220 package can be reduced by attaching it to a heat sink or a copper plane on a
PC board. If a copper plane is to be used, the values of
θJA will be same as shown in next section for TO263
package.
The heatsink to be used in the application should have a heatsink to ambient thermal resistance,
θHA≤ θJA − θCH − θJC.
In this equation,
θCH is the thermal resistance from the case to the surface of the heat sink and θJC is the thermal
resistance from the junction to the surface of the case.
θJC is about 3°C/W for a TO220 package. The value for
θCH depends on method of attachment, insulator, etc. θCH varies between 1.5°C/W to 2.5°C/W. If the exact value
is unknown, 2°C/W can be assumed.
HEATSINKING TO-263 PACKAGE
The TO-263 package uses the copper plane on the PCB as a heatsink. The tab of these packages are soldered
to the copper plane for heat sinking. The graph below shows a curve for the
θJA of TO-263 package for different
copper area sizes, using a typical PCB with 1 ounce copper and no solder mask over the copper area for heat
sinking.
Figure 20.
θJA vs Copper (1 Ounce) Area for TO-263 package
As shown in the graph below, increasing the copper area beyond 1 square inch produces very little improvement.
The minimum value for
θJA for the TO-263 package mounted to a PCB is 32°C/W.
Figure 21 shows the maximum allowable power dissipation for TO-263 packages for different ambient
temperatures, assuming
θJA is 35°C/W and the maximum junction temperature is 125°C.
10
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LP3881



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com