Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3982 Datasheet (PDF) - Texas Instruments

LP3982 Datasheet PDF - Texas Instruments
Part # LP3982
Download  LP3982 Download
File Size   689.03 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP3982 Micropower, Ultra-Low-Dropout, Low-Noise, 300-mA CMOS Regulator

LP3982 Datasheet (PDF)

Go To PDF Page Download Datasheet
LP3982 Datasheet PDF - Texas Instruments

Part # LP3982
Download  LP3982 Click to download

File Size   689.03 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP3982 Micropower, Ultra-Low-Dropout, Low-Noise, 300-mA CMOS Regulator

LP3982 Datasheet (HTML) - Texas Instruments


LP3982 Product details

1 Features
1• 2.5-V to 6-V Input Range
• MAX8860 Pin, Package, and Specification
Compatible
• 300-mA Output Current
• 120-mV Typical Dropout at 300 mA
• 90-μA Typical Quiescent Current
• 1-nA Typical Shutdown Mode
• 60-dB Typical PSRR
• 120-μs Typical Turnon Time
• Stable With Small Ceramic Output Capacitors
• 37-μVRMS Output Voltage Noise
(10 Hz to 100 kHz)
• Overtemperature/Overcurrent Protection
• ±2% Output Voltage Tolerance
• Create a Custom Design Using the LP3982 With
the WEBENCH® Power Designer

2 Applications
• Wireless Handsets
• DSP Core Power
• Battery Powered Electronics
• Portable Information Appliances

3 Description
The LP3982 low-dropout (LDO) CMOS linear
regulator is available in 1.8-V, 2.5-V, 2.82-V, 3-V,
3.3-V, and adjustable versions. They deliver 300 mA
of output current. Packaged in an 8-pin VSSOP, the
LP3982 is pin- and package-compatible with Maxim's
MAX8860. The LM3982 is also available in the small
footprint WSON package.
The LP3982 suits battery-powered applications
because of its shutdown mode (1 nA typical), low
quiescent current (90 μA typical), and LDO voltage
(120 mV typical). The low dropout voltage allows for
more utilization of a battery’s available energy by
operating closer to its end-of-life voltage. The LP3982
device's PMOS output transistor consumes relatively
no drive current compared to PNP LDO regulators.
This PMOS regulator is stable with small ceramic
capacitive loads (2.2 μF typical).
These devices also include regulation fault detection,
a bandgap voltage reference, constant current
limiting, and thermal-overload protection.




Similar Part No. - LP3982

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3982 NSC-LP3982 Datasheet
361Kb / 12P
Micropower, Ultra Low-Dropout, Low-Noise, 300mA CMOS Regulator
logo
Lowpower Semiconductor ...
LP3982 POWER-LP3982 Datasheet
378Kb / 8P
300mA,Ultra-low noise, Small Package Ultra-Fast CMOS LDO Regulator
logo
Texas Instruments
LP3982 TI-LP3982 Datasheet
950Kb / 23P
LP3982 Micropower, Ultra Low-Dropout, Low-Noise, 300 mA CMOS Regulator
LP3982 TI-LP3982 Datasheet
950Kb / 23P
LP3982 Micropower, Ultra Low-Dropout, Low-Noise, 300 mA CMOS Regulator
LP3982 TI-LP3982 Datasheet
950Kb / 23P
LP3982 Micropower, Ultra Low-Dropout, Low-Noise, 300 mA CMOS Regulator
More results


Similar Description - LP3982

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3982IMMX-ADJ TI-LP3982IMMX-ADJ Datasheet
950Kb / 23P
LP3982 Micropower, Ultra Low-Dropout, Low-Noise, 300 mA CMOS Regulator
LP3982IMM-ADJ TI-LP3982IMM-ADJ Datasheet
950Kb / 23P
LP3982 Micropower, Ultra Low-Dropout, Low-Noise, 300 mA CMOS Regulator
LP2989AIM-33 TI1-LP2989AIM-33 Datasheet
1Mb / 19P
Micropower/Low Noise, 500 mA Ultra Low-Dropout Regulator
LP3982IMM-1.8 TI-LP3982IMM-1.8 Datasheet
950Kb / 23P
LP3982 Micropower, Ultra Low-Dropout, Low-Noise, 300 mA CMOS Regulator
LP3981 TI-LP3981_15 Datasheet
1Mb / 25P
LP3981 Micropower, 300-mA Ultra-Low-Dropout CMOS Voltage Regulator
LP3982 TI-LP3982_15 Datasheet
839Kb / 25P
LP3982 Micropower, Ultra-Low-Dropout, Low-Noise, 300-mA CMOS Regulator
LP3981 TI1-LP3981_16 Datasheet
1Mb / 25P
Micropower, 300-mA Ultra-Low-Dropout CMOS Voltage Regulator
LP3982 TI1-LP3982_16 Datasheet
1Mb / 28P
Micropower, Ultra-Low-Dropout, Low-Noise, 300-mA CMOS Regulator
LP3985 TI1-LP3985 Datasheet
1Mb / 33P
Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
LP3985 TI1-LP3985_16 Datasheet
1Mb / 32P
Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com