Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3982 Datasheet(PDF) 4 Page - Texas Instruments

Part # LP3982
Description  LP3982 Micropower, Ultra-Low-Dropout, Low-Noise, 300-mA CMOS Regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3982 Datasheet(HTML) 4 Page - Texas Instruments

  LP3982 Datasheet HTML 1Page - Texas Instruments LP3982 Datasheet HTML 2Page - Texas Instruments LP3982 Datasheet HTML 3Page - Texas Instruments LP3982 Datasheet HTML 4Page - Texas Instruments LP3982 Datasheet HTML 5Page - Texas Instruments LP3982 Datasheet HTML 6Page - Texas Instruments LP3982 Datasheet HTML 7Page - Texas Instruments LP3982 Datasheet HTML 8Page - Texas Instruments LP3982 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
4
LP3982
SNVS185F – FEBRUARY 2002 – REVISED APRIL 2017
www.ti.com
Product Folder Links: LP3982
Submit Documentation Feedback
Copyright © 2002–2017, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to the potential at the GND pin.
(3)
If Military/Aerospace-specified devices are required, contact Texas Instruments Sales Office/Distributors for availability and
specifications.
(4)
In applications where high power dissipation and/or poor thermal resistance is present, the maximum ambient temperature may have to
be derated. Maximum ambient temperature (TA(MAX)) is dependant on the maximum operating junction temperature (TJ(MAX-OP)), the
maximum power dissipation (PD(MAX)), and the junction-to-ambient thermal resistance in the application (RθJA). This relationship is given
by: TA(MAX) = TJ(MAX-OP) − (PD(MAX) × RθJA).The value of the RθJA for the WSON package is specifically dependent on the PCB trace
area, trace material, and the number of layers and thermal vias. For improved thermal resistance and power dissipation for the WSON
package, refer to TI Application Note AN-1187 Leadless Leadframe Package (LLP) (SNOA401).
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1) (2) (3)
MIN
MAX
UNIT
VIN, VOUT, VSHDN, VSET, VCC, VFAULT
−0.3
6.5
V
Fault sink current
20
mA
Power dissipation
See(4)
Junction temperature, TJ
150
°C
Storage temperature, Tstg
–65
160
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Machine model
±200
V
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to the potential at the GND pin.
6.3 Recommended Operating Conditions
(1) (2)
MIN
NOM
MAX
UNIT
Operating temperature
–40
85
°C
Supply voltage
2.5
6
V
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
(2)
The PCB for the WSON/NGN package RθJA includes thermal vias under the exposed thermal pad per EIA/JEDEC JESD51-5.
(3)
Thermal resistance value RθJA is based on the EIA/JEDEC High-K printed circuit board defined by: JESD51-7 - High Effective Thermal
Conductivity Test Board for Leaded Surface Mount Packages.
6.4 Thermal Information
THERMAL METRIC(1)
LP3982
UNIT
DGK (VSSOP)
NGM (WSON)(2)
8 PINS
8 PINS
RθJA
(3)
Junction-to-ambient thermal resistance, High-K
175.2
52.6
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
66.0
66.2
°C/W
RθJB
Junction-to-board thermal resistance
95.6
16.7
°C/W
ψJT
Junction-to-top characterization parameter
9.7
1.9
°C/W
ψJB
Junction-to-board characterization parameter
94.2
16.7
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
n/a
11.1
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com