Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3982 Datasheet(PDF) 12 Page - Texas Instruments

Part # LP3982
Description  LP3982 Micropower, Ultra-Low-Dropout, Low-Noise, 300-mA CMOS Regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3982 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LP3982 Datasheet HTML 8Page - Texas Instruments LP3982 Datasheet HTML 9Page - Texas Instruments LP3982 Datasheet HTML 10Page - Texas Instruments LP3982 Datasheet HTML 11Page - Texas Instruments LP3982 Datasheet HTML 12Page - Texas Instruments LP3982 Datasheet HTML 13Page - Texas Instruments LP3982 Datasheet HTML 14Page - Texas Instruments LP3982 Datasheet HTML 15Page - Texas Instruments LP3982 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
VOUT
VREF
R1
R2
VIN
+
-
O
1
2
V
R
R
1
1.25V
é
ù
=
-
ê
ú
ë
û
VO = VREF
R1
R2
+ 1
12
LP3982
SNVS185F – FEBRUARY 2002 – REVISED APRIL 2017
www.ti.com
Product Folder Links: LP3982
Submit Documentation Feedback
Copyright © 2002–2017, Texas Instruments Incorporated
In most cases, these actions are available:
•
Run electrical simulations to see important waveforms and circuit performance
•
Run thermal simulations to understand board thermal performance
•
Export customized schematic and layout into popular CAD formats
•
Print PDF reports for the design, and share the design with colleagues
Get more information about WEBENCH tools at www.ti.com/WEBENCH.
8.2.2.2 Output Voltage Setting (ADJ Version Only)
The output voltage is set according to the amount of negative feedback (the pass transistor inverts the feedback
signal.) Figure 15 simplifies the topology of the LP3982. This type of regulator can be represented as an op amp
configured as non-inverting amplifier and a fixed DC Voltage (VREF) for its input signal. The special characteristic
of this op amp is its extra-large output transistor that only sources current. In terms of its non-inverting
configuration, the output voltage equals VREF times the closed loop gain:
(5)
Use Equation 6 for adjusting the output to a particular voltage:
(6)
Choose R2 = 100 kΩ to optimize accuracy, power supply rejection, noise, and power consumption.
Figure 15. Regulator Topology Simplified
Similarity in the output capabilities exists between op amps and linear regulators. Just as rail-to-rail output op
amps allow their output voltage to approach the supply voltage, low dropout regulators (LDOs) allow their output
voltage to operate close to the input voltage. Both achieve this by the configuration of their output transistors.
Standard operational amplifiers and regulator outputs are at the source (or emitter) of the output transistor. Rail-
to-rail op amp and LDO regulator outputs are at the drain (or collector) of the output transistor. This replaces the
threshold (or diode drop) limitations on the output with the less restrictive source-to-drain (or VSAT) limitations.
There is a trade-off; the output impedance become significantly higher, thus providing a critically lower pole when
combined with the capacitive load. That is why rail-to-rail operational amplifiers are usually poor at driving
capacitive loads and a series output resistor recommended when doing so. LDOs require the same series
resistance except that the internal resistance of the output capacitor will usually suffice. Refer to the Output
Capacitance section for more information.
8.2.2.3 Output Capacitance
The LP3982 is specifically designed to employ ceramic output capacitors as low as 2.2 μF. Ceramic capacitors
below 10 μF offer significant cost and space savings, along with high frequency noise filtering. Higher values and
other types and of capacitor may be used, but their equivalent series resistance (ESR) must be maintained below
0.5
Ω.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com