Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3982 Datasheet(PDF) 13 Page - Texas Instruments

Part # LP3982
Description  LP3982 Micropower, Ultra-Low-Dropout, Low-Noise, 300-mA CMOS Regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3982 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LP3982 Datasheet HTML 9Page - Texas Instruments LP3982 Datasheet HTML 10Page - Texas Instruments LP3982 Datasheet HTML 11Page - Texas Instruments LP3982 Datasheet HTML 12Page - Texas Instruments LP3982 Datasheet HTML 13Page - Texas Instruments LP3982 Datasheet HTML 14Page - Texas Instruments LP3982 Datasheet HTML 15Page - Texas Instruments LP3982 Datasheet HTML 16Page - Texas Instruments LP3982 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
ωPOLE
ω
AO
LG
*
=
1 + j
(j )
ω
1 + j
(ESR x C
ω
L)
1 + j
((ESR + R
ω
O // RL) CL)
RO
VREF
CL
RL
LOOP
GAIN
+
-
13
LP3982
www.ti.com
SNVS185F – FEBRUARY 2002 – REVISED APRIL 2017
Product Folder Links: LP3982
Submit Documentation Feedback
Copyright © 2002–2017, Texas Instruments Incorporated
Ceramic capacitor of the value required by the LP3982 are available in the following dielectric types: Z5U, Y5V,
X5R, and X7R. The Z5U and Y5V types exhibit a 50% or more drop in capacitance value as their temperature
increases from 25°C, an important consideration. The X5R generally maintain their capacitance value within
±20%. The X7R type are desirable for their tighter tolerance of 10% over temperature.
Ceramic capacitors pose a challenge because of their relatively low ESR. Like most other LDOs, the LP3982
relies on a zero in the frequency response to compensate against excessive phase shift in the feedback loop of
the regulator. If the phase shift reaches 360° (that is, becomes positive), the regulator oscillates. This
compensation usually resides in the zero generated by the combination of the output capacitor with its ESR. The
zero is intended to cancel the effects of the pole generated by the load capacitance (CL) combined with the
parallel combination of the load resistance (RL) and the output resistance (RO) of the regulator. The challenge
posed by low ESR capacitors is that the zero it generates can be too high in frequency for the pole it is intended
to compensate. The LP3982 overcomes this challenge by internally generating a strategically placed zero.
Figure 16. Simplified Model of Regulator Loop Gain Components
Figure 16 shows a basic model for the linear regulator that helps describe what happens to the output signal as it
is processed through its feedback loop; that is, describe its loop gain (LG). The LG includes two main transfer
functions: the error amplifier and the load. The error amplifier provides voltage gain and a dominant pole, while
the load provides a zero and a pole. The LG of the model in Figure 16 is described by Equation 7:
(7)
The first term of Equation 7 expresses the voltage gain (numerator) and a single pole role-off (denominator) of
the error amplifier. The second term expresses the zero (numerator) and pole (denominator) of the load in
combination with the RO of the regulator.
Figure 17 shows a Bode plot that represents a case where the zero contributed by the load is too high to cancel
the effect of the pole contributed by the load and RO. The solid line represents the loop gain while the dashed
line represents the corresponding phase shift. Notice that the phase shift at unity gain is a total 360°, the criteria
for oscillation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com