Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3986 Datasheet (PDF) - Texas Instruments

LP3986 Datasheet PDF - Texas Instruments
Part # LP3986
Download  LP3986 Download
File Size   578.06 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP3986 Dual Micropower 150 mA Ultra Low-Dropout CMOS Voltage Regulators in DSBGA Package

LP3986 Datasheet (PDF)

Go To PDF Page Download Datasheet
LP3986 Datasheet PDF - Texas Instruments

Part # LP3986
Download  LP3986 Click to download

File Size   578.06 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP3986 Dual Micropower 150 mA Ultra Low-Dropout CMOS Voltage Regulators in DSBGA Package

LP3986 Datasheet (HTML) - Texas Instruments


LP3986 Product details

1FEATURES
2• Miniature 8-I/O DSBGA Package
• Stable With 1μF Ceramic and High Quality
Tantalum Output Capacitors
• Fast Turn-on
• Two Independent Regulators
• Logic Controlled Enable
• Over Current and Thermal Protection

APPLICATIONS
• CDMA Cellular Handsets
• GSM Cellular Handsets
• Portable Information Appliances
• Portable Battery Applications

DESCRIPTION
The LP3986 is a 150 mA dual low dropout regulator
designed for portable and wireless applications with
demanding performance and board space
requirements.
The LP3986 is stable with a small 1 μF ±30%
ceramic output capacitor requiring smallest possible
board space.
The LP3986's performance is optimized for battery
powered systems to deliver ultra low noise, extremely
low dropout voltage and low quiescent current
independent of load current. Regulator ground current
increases very slightly in dropout, further prolonging
the battery life. Optional external bypass capacitor
reduces the output noise further without slowing down
the load transient response. Fast start-up time is
achieved by utilizing a speed-up circuit that actively
pre-charges the bypass capacitor. Power supply
rejection is better than 60 dB at low frequencies and
55 dB at 10 kHz. High power supply rejection is
maintained at low input voltage levels common to
battery operated circuits.
The LP3986 is available in a DSBGA package.
Performance is specified for a −40°C to +125°C
temperature range. For single LDO applications,
please refer to the LP3985 datasheet.




Similar Part No. - LP3986

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3986 NSC-LP3986 Datasheet
328Kb / 13P
Dual Micropower 150 mA Ultra Low-Dropout CMOS Voltage Regulators in micro SMD Package
logo
Texas Instruments
LP3986 TI1-LP3986 Datasheet
1Mb / 18P
Dual Micropower 150 mA Ultra Low-Dropout CMOS Voltage Regulators
logo
Lowpower Semiconductor ...
LP3986 POWER-LP3986 Datasheet
679Kb / 6P
300mA,Ultra-low Noise LDO Regulator
logo
National Semiconductor ...
LP3986BL-2528 NSC-LP3986BL-2528 Datasheet
328Kb / 13P
Dual Micropower 150 mA Ultra Low-Dropout CMOS Voltage Regulators in micro SMD Package
LP3986BL-2828 NSC-LP3986BL-2828 Datasheet
328Kb / 13P
Dual Micropower 150 mA Ultra Low-Dropout CMOS Voltage Regulators in micro SMD Package
More results


Similar Description - LP3986

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3986 NSC-LP3986 Datasheet
328Kb / 13P
Dual Micropower 150 mA Ultra Low-Dropout CMOS Voltage Regulators in micro SMD Package
logo
Texas Instruments
LP3987ITL-2.6 TI-LP3987ITL-2.6 Datasheet
1Mb / 21P
Micropower DSBGA 150-mA Ultra Low Dropout CMOS Voltage Regulator With Sleep MODE
LP3984 TI-LP3984_15 Datasheet
1Mb / 19P
LP3984 Micropower 150 mA Ultra Low-Dropout CMOS Voltage Regulator in Subminiature 4-I/O DSBGA Package
LP3986 TI-LP3986_15 Datasheet
996Kb / 18P
LP3986 Dual Micropower 150 mA Ultra Low-Dropout CMOS Voltage Regulators in DSBGA Package
LP3987 TI-LP3987_15 Datasheet
1Mb / 21P
Micropower DSBGA 150-mA Ultra Low-Dropout CMOS Voltage Regulator With Sleep MODE
LP3984 TI1-LP3984 Datasheet
1Mb / 19P
Micropower 150 mA Ultra Low-Dropout CMOS Voltage Regulator in Subminiature
LP3985 TI1-LP3985 Datasheet
1Mb / 33P
Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
LP3986 TI1-LP3986 Datasheet
1Mb / 18P
Dual Micropower 150 mA Ultra Low-Dropout CMOS Voltage Regulators
LP3987 TI1-LP3987 Datasheet
1Mb / 21P
Micropower DSBGA 150-mA Ultra Low-Dropout CMOS Voltage Regulator
LP3988 TI1-LP3988 Datasheet
1Mb / 25P
Micropower, 150-mA Ultra-Low-Dropout CMOS Voltage Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com