Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3986 Datasheet(PDF) 4 Page - Texas Instruments

Part # LP3986
Description  LP3986 Dual Micropower 150 mA Ultra Low-Dropout CMOS Voltage Regulators in DSBGA Package
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3986 Datasheet(HTML) 4 Page - Texas Instruments

  LP3986 Datasheet HTML 1Page - Texas Instruments LP3986 Datasheet HTML 2Page - Texas Instruments LP3986 Datasheet HTML 3Page - Texas Instruments LP3986 Datasheet HTML 4Page - Texas Instruments LP3986 Datasheet HTML 5Page - Texas Instruments LP3986 Datasheet HTML 6Page - Texas Instruments LP3986 Datasheet HTML 7Page - Texas Instruments LP3986 Datasheet HTML 8Page - Texas Instruments LP3986 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
LP3986
SNVS142U – AUGUST 2001 – REVISED FEBRUARY 2013
www.ti.com
Operating Ratings
(1) (2)
VIN
2.7 to 6V
VEN
0 to (VIN+ 0.3V) ≤ 6V
Junction Temperature
−40°C to +125°C
Thermal Resistance
θJA
220°C/W
Maximum Power Dissipation (3)
250mW
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is guaranteed. Operating Ratings do not imply guaranteed performance limits. For guaranteed performance limits
and associated test conditions, see Electrical Characteristics.
(2)
All voltages are with respect to the potential at the GND pin.
(3)
Like the Absolute Maximum power dissipation, the maximum power dissipation for operation depends on the ambient temperature. The
250mW rating appearing under Operating Ratings results from substituting the maximum junction temperature for operation, 125°C, for
TJ, 70°C for TA, and 220°C/W for θJA into (1) above. More power can be dissipated at ambient temperatures below 70°C . Less power
can be dissipated at ambient temperatures above 70°C. The maximum power dissipation for operation can be increased by 4.5mW for
each degree below 70°C, and it must be derated by 4.5mW for each degree above 70°C.
Electrical Characteristics
Unless otherwise specified: VIN = VOUT(nom) + 0.5V, CIN = 1 µF, IOUT = 1mA, COUT = 1 µF, CBYPASS = 0.01µF. Typical values and
limits appearing in standard typeface are for TJ = 25°C. Limits appearing in boldface type apply over the entire junction
temperature range for operation,
−40°C to +125°C.
(1) (2)
Limit
Symbol
Parameter
Conditions
Typ
Units
Min
Max
Output Voltage
IOUT = 1mA
−2.5
2.5
% of
Tolerance
−3.0
3.0
VOUT(nom)
Line Regulation Error(3)
VIN = (VOUT(nom) + 0.5V) to 6.0V,
0.006
0.092
ΔVOUT
%/V
IOUT = 1 mA
0.128
Load Regulation Error(4)
IOUT = 1mA to 150 mA
0.003
0.006
%/mA
0.01
Output AC Line Regulation
VIN = VOUT(nom) + 1V,
1.5
mVP-P
IOUT = 150 mA (Figure 1)
VIN = 3.1V,
60
f = 1 kHz,
IOUT = 50 mA (Figure 2)
PSRR
Power Supply Rejection Ratio
dB
VIN = 3.1V,
50
f = 10 kHz,
IOUT = 50 mA (Figure 2)
IQ
Quiescent Current
Both Regulators ON
115
200
VEN = 1.4V, IOUT = 0 mA
Both Regulators ON
220
320
VEN = 1.4V, IOUT = 0 to 150 mA
One Regulator ON
75
130
µA
VEN = 1.4V IOUT = 0 mA
One Regulator ON
130
200
VEN = 1.4V IOUT = 0 to 150 mA
VEN = 0.4V, Both Regulators OFF
0.001
2
(shutdown)
4
Dropout Voltage(5)
IOUT = 1 mA
0.4
2
mV
IOUT = 150 mA
60
100
ISC
Short Circuit Current Limit
Output Grounded
600
mA
(1)
All limits are guaranteed. All electrical characteristics having room temperature limits are tested during production with TJ = 25°C or
correlated using Statistical Quality Control (SQC) methods. All hot and cold limits are guaranteed by correlating the electrical
characteristics to process and temperature variations and applying statistical process control.
(2)
The target output voltage, which is labeled VOUT(nom), is the desired voltage option.
(3)
The output voltage changes slightly with line voltage. An increase in the line voltage results in a slight increase in the output voltage and
vice versa.
(4)
The output voltage changes slightly with load current. An increase in the load current results in a slight decrease in the output voltage
and vice versa. Tested limit applies to Vout 's of 2.5V and greater.
(5)
Dropout voltage is the input-to-output voltage difference at which the output voltage is 100mV below its nominal value.
4
Submit Documentation Feedback
Copyright © 2001–2013, Texas Instruments Incorporated
Product Folder Links: LP3986



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com