Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3988 Datasheet (PDF) - Texas Instruments

LP3988 Datasheet PDF - Texas Instruments
Part # LP3988
Download  LP3988 Download
File Size   720.83 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP3988 Micropower, 150-mA Ultra-Low-Dropout CMOS Voltage Regulator With Power Good

LP3988 Datasheet (PDF)

Go To PDF Page Download Datasheet
LP3988 Datasheet PDF - Texas Instruments

Part # LP3988
Download  LP3988 Click to download

File Size   720.83 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP3988 Micropower, 150-mA Ultra-Low-Dropout CMOS Voltage Regulator With Power Good

LP3988 Datasheet (HTML) - Texas Instruments


LP3988 Product details

1 Features
1• Input Voltage Range: 2.5 V to 6 V
• Output Current: 150 mA
• PSRR at 10 kHz: 40 dB
• Quiescent Current When Shut Down: ≤ 1μA
• Fast Turnon Time: 100 μs (Typical)
• Dropout With 150-mA load: 80 mV (Typical)
• Junction Temperature Range for Operation:
−40°C to +125°C
• Power-Good Flag Output
• Logic Controlled Enable
• Thermal Shutdown and Short-Circuit Current Limit
• Stable with Ceramic and High-Quality Tantalum
Capacitors

2 Applications
• CDMA Cellular Handsets
• Wideband CDMA Cellular Handsets
• GSM Cellular Handsets
• Portable Information Appliances
• Tiny 3.3 V ± 5% to 2.85 V, 150-mA Converter

3 Description
The LP3988 is a 150-mA low dropout regulator
designed specially to meet requirements of portable battery applications. The LP3988 is designed to work
with space-saving, small 1-μF ceramic capacitors.
The LP3988 features a Power Good (PG) output that
indicates a faulty output condition. The device is ideal for mobile phone and similar battery-powered
wireless applications. It provides up to 150 mA output
current from a 2.5-V to 6-V input, consuming less
than 1 μA in disable mode and has fast turnon time
less than 200 μs.
The LP3988 device's performance is optimized for
battery-powered systems to deliver low noise, extremely low dropout voltage, and low quiescent
current. Regulator ground current increases only
slightly in dropout, further prolonging the battery life.
Power supply rejection is better than 60 dB at low frequencies and starts to roll off at 10 kHz. High
power-supply rejection is maintained down to lower
input-voltage levels common to battery-operated
circuits.
The LP3988 is available in a 5-pin SOT-23 package
and a 5-pin thin DSBGA package. Performance is specified for −40°C to +125°C temperature range. For
all available output voltage and package options, see
the Package Option Addendum (POA) at the end of
the data sheet.




Similar Part No. - LP3988

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3988 NSC-LP3988 Datasheet
292Kb / 11P
Micropower, 150mA Ultra Low-Dropout CMOS Voltage Regulator With Power Good
logo
Texas Instruments
LP3988 TI1-LP3988 Datasheet
1Mb / 25P
Micropower, 150-mA Ultra-Low-Dropout CMOS Voltage Regulator
LP3988 TI1-LP3988 Datasheet
433Kb / 15P
Micropower, 150-mA Ultralow-Dropout CMOS Voltage Regulator With Power Good
LP3988 TI2-LP3988 Datasheet
681Kb / 25P
LP3988-Q1 Micropower, 150-mA Ultra-Low-Dropout CMOS LDO With Power Good
REVISED NOVEMBER 2016
LP3988-Q1 TI1-LP3988-Q1 Datasheet
433Kb / 15P
Micropower, 150-mA Ultralow-Dropout CMOS Voltage Regulator With Power Good
More results


Similar Description - LP3988

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3988 NSC-LP3988 Datasheet
292Kb / 11P
Micropower, 150mA Ultra Low-Dropout CMOS Voltage Regulator With Power Good
logo
Texas Instruments
LP3985 TI-LP3985_15 Datasheet
1Mb / 33P
LP3985 Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
LP3988 TI-LP3988_15 Datasheet
1,010Kb / 25P
LP3988 Micropower, 150-mA Ultra-Low-Dropout CMOS Voltage Regulator With Power Good
LP3988-Q1 TI-LP3988-Q1_15 Datasheet
952Kb / 17P
Micropower, 150-mA Ultralow-Dropout CMOS Voltage Regulator With Power Good
LP3984 TI1-LP3984 Datasheet
1Mb / 19P
Micropower 150 mA Ultra Low-Dropout CMOS Voltage Regulator in Subminiature
LP3985 TI1-LP3985 Datasheet
1Mb / 33P
Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
LP3987 TI1-LP3987 Datasheet
1Mb / 21P
Micropower DSBGA 150-mA Ultra Low-Dropout CMOS Voltage Regulator
LP3988 TI1-LP3988 Datasheet
1Mb / 25P
Micropower, 150-mA Ultra-Low-Dropout CMOS Voltage Regulator
LP3985 TI1-LP3985_16 Datasheet
1Mb / 32P
Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
LP3988-Q1 TI1-LP3988-Q1_16 Datasheet
433Kb / 15P
Micropower, 150-mA Ultralow-Dropout CMOS Voltage Regulator With Power Good
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com