Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3988 Datasheet(PDF) 6 Page - Texas Instruments

Part # LP3988
Description  LP3988 Micropower, 150-mA Ultra-Low-Dropout CMOS Voltage Regulator With Power Good
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3988 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LP3988 Datasheet HTML 2Page - Texas Instruments LP3988 Datasheet HTML 3Page - Texas Instruments LP3988 Datasheet HTML 4Page - Texas Instruments LP3988 Datasheet HTML 5Page - Texas Instruments LP3988 Datasheet HTML 6Page - Texas Instruments LP3988 Datasheet HTML 7Page - Texas Instruments LP3988 Datasheet HTML 8Page - Texas Instruments LP3988 Datasheet HTML 9Page - Texas Instruments LP3988 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
LP3988
SNVS161E – OCTOBER 2001 – REVISED OCTOBER 2015
www.ti.com
6.5 Electrical Characteristics
Unless otherwise specified: VEN = 1.8 V, VIN = VOUT + 0.5 V, CIN = 1 µF, IOUT = 1 mA, COUT = 1 µF; typical values and limits
are for TJ = 25°C, and minimum and maximum values and limits apply over the entire junction temperature range for
operation,
−40°C to +125°C.
(1) (2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
−2
2
−20°C ≤ TJ ≤ 125°C, SOT-23-5
–3
3
% of
Output voltage volerance
VOUT(NOM)
SOT-23-5
–3.5
3.5
DSBGA
–3
3
ΔVOUT
VIN = VOUT(NOM) + 0.5 V to 6 V
−0.15
0.15
TJ = 25°C
Line regulation error
%/V
VIN = VOUT(NOM) + 0.5 V to 6 V
–0.2
0.2
IOUT = 1 mA to 150 mA, TJ = 25°C
0.005
Load regulation error(3)
%/mA
IOUT = 1 mA to 150 mA
0.007
VIN = VOUT(NOM) + 1 V,
65
ƒ = 1 kHz,
IOUT = 50 mA (See Figure 11)
PSRR
Power Supply Rejection Ratio
dB
VIN = VOUT(nom) + 1 V,
45
ƒ = 10 kHz, IOUT = 50 mA
(See Figure 11)
VEN = 1.4 V, IOUT = 0 mA, TJ = 25°C
85
120
IQ
Quiescent current
VEN = 1.4 V, IOUT = 0 to 150 mA
140
200
µA
VEN = 0.4 V
0.003
1
IOUT = 1 mA
1
5
mV
Dropout voltage(4)
IOUT = 150 mA, TJ = 25°C
80
115
IOUT = 150 mA
150
ISC
Short circuit current limit
See(5)
600
mA
BW = 10 Hz to 100 kHz,
en
Output noise voltage
220
µVRMS
COUT = 1 µF
Capacitance(6)
1
20
µF
COUT
Output capacitor
ESR(6)
5
500
m
Ω
Thermal shutdown
160
temperature
TSD
°C
Thermal shutdown hysteresis
20
ENABLE CONTROL CHARACTERISTICS
IEN
Maximum input current at EN
VEN = 0 V and VIN = 6 V
0.1
µA
VIL
Logic low input threshold
VIN = 2.5 V to 6 V
0.5
V
VIH
Logic high input threshold
VIN = 2.5 V to 6 V
1.2
V
(1)
All electrical characteristics having room-temperature limits are tested during production with TJ = 25°C or correlated using Statistical
Quality Control (SQC) methods. All hot and cold limits are specified by correlating the electrical characteristics to process and
temperature variations and applying statistical process control.
(2)
The target output voltage, which is labeled VOUT(NOM), is the desired voltage option.
(3)
An increase in the load current results in a slight decrease in the output voltage and vice versa.
(4)
Dropout voltage is the input-to-output voltage difference at which the output voltage is 100 mV below its nominal value.
(5)
Short-circuit current is measured on input supply line after pulling down VOUT to 95% VOUT(NOM).
(6)
Specified by design. Not production tested. The capacitor tolerance should be ±30% or better over the full temperature range. The full
range of operating conditions such as temperature, DC bias and even capacitor case size for the capacitor in the application should be
considered during device selection to ensure this minimum capacitance specification is met. X7R capacitor types are recommended to
meet the full device temperature range.
6
Submit Documentation Feedback
Copyright © 2001–2015, Texas Instruments Incorporated
Product Folder Links: LP3988



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com