Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3988 Datasheet(PDF) 11 Page - Texas Instruments

Part # LP3988
Description  LP3988 Micropower, 150-mA Ultra-Low-Dropout CMOS Voltage Regulator With Power Good
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3988 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP3988 Datasheet HTML 7Page - Texas Instruments LP3988 Datasheet HTML 8Page - Texas Instruments LP3988 Datasheet HTML 9Page - Texas Instruments LP3988 Datasheet HTML 10Page - Texas Instruments LP3988 Datasheet HTML 11Page - Texas Instruments LP3988 Datasheet HTML 12Page - Texas Instruments LP3988 Datasheet HTML 13Page - Texas Instruments LP3988 Datasheet HTML 14Page - Texas Instruments LP3988 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
LP3988
www.ti.com
SNVS161E – OCTOBER 2001 – REVISED OCTOBER 2015
Feature Description (continued)
8.3.5 Current Limit
The fixed current limit (ISC) of the LP3988 helps protect the regulator during output fault conditions. The
maximum amount of current the device can source is typically 600 mA, and is largely independent of input and
output voltage. For reliable operation, do not operate the device in current limit for extended periods of time.
Depending on power dissipation, thermal resistance, and ambient temperature, operating at the current limit may
activate the thermal shutdown circuitry.
8.3.6 Thermal Shutdown (TSD)
Thermal shutdown (TSD) protection disables the output when the junction temperature rises to approximately
160°C, This shutdown causes the device dissipation to go to zero, which allows the device to cool. When the
device junction temperature cools to approximately 140°C, the output circuitry is automatically enabled.
Depending on power dissipation, thermal resistance, and ambient temperature, the thermal protection circuit may
cycle ON and OFF. This cycling limits the dissipation of the regulator, protecting it from damage as a result of
overheating. The thermal shutdown circuitry of the LP3988 has been designed to protect against temporary
thermal overload conditions. The TSD circuitry was not intended to replace proper heat-sinking. Continuously
running the LP3988 device in TSD may degrade device reliability and lifetime.
8.3.7 Fast Turnon Time
The LP3988 utilizes a speed up circuitry to ramp up the internal VREF voltage to its final value to achieve a fast
output turnon time.
8.4 Device Functional Modes
8.4.1 Normal Operation
The device regulates to the nominal output voltage under the following conditions:
•
The input voltage (VIN ) is at least either 2.5 V, or VOUT + 200 mV, whichever is greater.
•
The enable voltage (VEN) is at least 1.2 V (VIH).
•
The output current is no more than the maximum rated current of 150 mA.
•
The device junction temperature (TJ) is no more than the maximum specified operating junction temperature.
8.4.2 Dropout Operation
If the input voltage is lower than the nominal output voltage plus the specified dropout voltage (VDO), but all other
conditions are met for normal operation, the device operates in dropout mode. In this mode of operation, the
output voltage is the same as the input voltage minus the dropout voltage. The transient performance of the
device is significantly degraded because the pass device (PMOS transistor), no longer controls the current
through the LDO. Line or load transients while operating in dropout can result in large output voltage deviations.
8.4.3 Disabled
The device is disabled under the following conditions:
•
VEN is no more than 0.6 V (VIL).
•
TJ is greater than the thermal shutdown temperature.
Copyright © 2001–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LP3988



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com