Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3991 Datasheet (PDF) - Texas Instruments

LP3991 Datasheet PDF - Texas Instruments
Part # LP3991
Download  LP3991 Download
File Size   676.56 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP3991 300-mA LDO for Digital Applications

LP3991 Datasheet (PDF)

Go To PDF Page Download Datasheet
LP3991 Datasheet PDF - Texas Instruments

Part # LP3991
Download  LP3991 Click to download

File Size   676.56 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP3991 300-mA LDO for Digital Applications

LP3991 Datasheet (HTML) - Texas Instruments


LP3991 Product details

1 Features
1• Input Voltage From 1.65 V to 4 V
• Output Voltage From 0.8 V to 3 V
• 1% Accuracy at Room Temperature
• 125-mV Dropout at 300-mA Load
• 50-μA Quiescent Current at 1-mA Load
• Inrush Current Controlled to 600 mA
• PSRR 65 dB at 1 kHz
• 100-μs Start-Up Time for 1.5-V VOUT
• Stable With Ceramic Capacitors as Small as 0402
• Thermal-Overload and Short-Circuit Protection

2 Applications
• Post DC-DC Regulator
• Battery Operated Devices
• Hand-Held Information Appliances

3 Description
Operating from a minimum input voltage of 1.65 V,
the LP3991 LDO has been designed to provide fixed
stable output voltages for load currents up to 300 mA.
This device is suitable where accurate low voltages
are required from low input voltage sources and is
therefore suitable for post regulation of switched
mode regulators. In such applications, significant
improvements in performance and EMI can be
realized, with little reduction in overall efficiency. The
LP3991 provides fixed outputs as low as 1.2 V from a
wide input range from 1.65 V to 4 V Using the enable
(EN) pin, the device may be controlled to provide a
shutdown state, in which negligible supply current is
drawn.
The LP3991 is designed to be stable with spacesaving
ceramic capacitors as small as 0402 case
size.
Performance is specified for a –40°C to +125°C
junction temperature range. For output voltage
options, contact your local Texas Instruments sales
office.




Similar Part No. - LP3991

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
LP3991 INTERSIL-LP3991 Datasheet
325Kb / 12P
300mA Linear Voltage Regulator for Digital Applications
December 13, 2007
logo
Texas Instruments
LP3991 TI1-LP3991 Datasheet
1Mb / 20P
300mA Linear Voltage Regulator for Digital Applications
LP3991 TI1-LP3991 Datasheet
1Mb / 26P
300-mA LDO for Digital Applications
logo
Intersil Corporation
LP3991TL-0.8 INTERSIL-LP3991TL-0.8 Datasheet
325Kb / 12P
300mA Linear Voltage Regulator for Digital Applications
December 13, 2007
LP3991TL-1.2 INTERSIL-LP3991TL-1.2 Datasheet
325Kb / 12P
300mA Linear Voltage Regulator for Digital Applications
December 13, 2007
More results


Similar Description - LP3991

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1313 MICROCHIP-TC1313_09 Datasheet
621Kb / 32P
500 mA Synchronous Buck Regulator, 300 mA LDO
2009
logo
ON Semiconductor
CAT6218 ONSEMI-CAT6218 Datasheet
166Kb / 9P
300 mA CMOS LDO Regulator
December, 2009 ??Rev. 4
CAT6218 ONSEMI-CAT6218_11 Datasheet
158Kb / 9P
300 mA CMOS LDO Regulator
January, 2011 ??Rev. 5
logo
Texas Instruments
LP3991 TI-LP3991_15 Datasheet
1Mb / 25P
LP3991 300-mA Linear Voltage Regulator for Digital Applications
LP3991 TI1-LP3991 Datasheet
1Mb / 26P
300-mA LDO for Digital Applications
logo
Fortune Semiconductor C...
FS8853 FORTUNE-FS8853 Datasheet
889Kb / 15P
300 mA LDO Linear Regulator
logo
Rohm
BUXXJA3DG-C ROHM-BUXXJA3DG-C Datasheet
7Mb / 96P
For Automotive 300 mA CMOS LDO Regulators
27.Jun.2022 Rev.002
logo
Nisshinbo Micro Devices...
R1130H NISSHINBO-R1130H Datasheet
1Mb / 26P
300 mA LDO Regulator for Automotive Applications
R1180X-Y NISSHINBO-R1180X-Y Datasheet
601Kb / 26P
150 mA LDO Regulator for Industrial Applications
RP114X NISSHINBO-RP114X Datasheet
1Mb / 36P
300 mA LDO REGULATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com