Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3991 Datasheet(PDF) 2 Page - Texas Instruments

Part # LP3991
Description  LP3991 300-mA LDO for Digital Applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3991 Datasheet(HTML) 2 Page - Texas Instruments

  LP3991 Datasheet HTML 1Page - Texas Instruments LP3991 Datasheet HTML 2Page - Texas Instruments LP3991 Datasheet HTML 3Page - Texas Instruments LP3991 Datasheet HTML 4Page - Texas Instruments LP3991 Datasheet HTML 5Page - Texas Instruments LP3991 Datasheet HTML 6Page - Texas Instruments LP3991 Datasheet HTML 7Page - Texas Instruments LP3991 Datasheet HTML 8Page - Texas Instruments LP3991 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
LP3991
SNVS296J – DECEMBER 2006 – REVISED JUNE 2016
www.ti.com
Product Folder Links: LP3991
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 4
6.1
Absolute Maximum Ratings ...................................... 4
6.2
ESD Ratings ............................................................ 4
6.3
Recommended Operating Conditions ....................... 4
6.4
Thermal Information ................................................. 4
6.5
Electrical Characteristics........................................... 5
6.6
Timing Requirements ................................................ 6
6.7
Typical Characteristics .............................................. 7
7
Detailed Description .............................................. 9
7.1
Overview ................................................................... 9
7.2
Functional Block Diagram ......................................... 9
7.3
Feature Description................................................... 9
7.4
Device Functional Modes........................................ 10
8
Application and Implementation ........................ 11
8.1
Application Information............................................ 11
8.2
Typical Application ................................................. 11
9
Power Supply Recommendations ...................... 16
10
Layout................................................................... 16
10.1
Layout Guidelines ................................................. 16
10.2
Layout Example .................................................... 16
10.3
DSBGA Mounting.................................................. 17
10.4
DSBGA Light Sensitivity ....................................... 17
11
Device and Documentation Support ................. 18
11.1
Documentation Support ........................................ 18
11.2
Receiving Notification of Documentation Updates 18
11.3
Community Resources.......................................... 18
11.4
Trademarks ........................................................... 18
11.5
Electrostatic Discharge Caution ............................ 18
11.6
Glossary ................................................................ 18
12
Mechanical, Packaging, and Orderable
Information ........................................................... 18
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision I (August 2015) to Revision J
Page
•
Changed "Linear Voltage Regulator" to "LDO" in title ............................................................................................................ 1
•
Changed "regulator" to "LDO" in Description ......................................................................................................................... 1
•
Changed Body Size dimensions from (MAX) to (NOM) in Device Information ..................................................................... 1
•
Added footnote 2 for Thermal Information ............................................................................................................................. 4
•
Added Power Dissipation and Estimating Junction Temperature subsections .................................................................... 14
•
Added Receiving Notification of Documentation Updates ................................................................................................... 18
Changes from Revision H (May 2013) to Revision I
Page
•
Added Device Information and Pin Configuration and Functions sections, ESD Rating table, Feature Description,
Device Functional Modes, Application and Implementation, Power Supply Recommendations, Layout, Device and
Documentation Support , and Mechanical, Packaging, and Orderable Information sections ................................................ 1
•
Changed pin names to TI nomenclature; added icon for Reference Design to Top Navigators ........................................... 1
•
Changed Output voltage range from "1.2 V to 2.8 V" to "0.8 V to 3 V" due to new options available to buy ....................... 1
•
Deleted Lead temp spec from Abs Max table; this info is in POA ........................................................................................ 4
•
Added updated thermal values .............................................................................................................................................. 4
•
Changed values in Table 1 based on updated thermal values ............................................................................................ 10
Changes from Revision G (May 2013) to Revision H
Page
•
Changed layout of National Data Sheet to TI format ........................................................................................................... 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com