Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8553 Datasheet (PDF) - Texas Instruments

LP8553 Datasheet PDF - Texas Instruments
Part # LP8553
Download  LP8553 Download
File Size   610.41 Kbytes
Page   41 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP8553 High-Efficiency LED Backlight Driver for Notebooks

LP8553 Datasheet (PDF)

Go To PDF Page Download Datasheet
LP8553 Datasheet PDF - Texas Instruments

Part # LP8553
Download  LP8553 Click to download

File Size   610.41 Kbytes
Page   41 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP8553 High-Efficiency LED Backlight Driver for Notebooks

LP8553 Datasheet (HTML) - Texas Instruments


LP8553 Product details

1FEATURES
2• High-Voltage DC/DC Boost Converter with
Integrated FET with Four Switching Frequency
Options: 156/312/625/1250 kHz
• 2.7V to 22V Input Voltage Range to Support
1x…5x Cell Li-Ion Batteries
• Programmable PWM Resolution
– 8 to 13 True Bit (Steady State)
– Additional 1 to 3 Bits Using Dithering
During Brightness Changes
• I2C and PWM Brightness Control
• Automatic PWM & Current Dimming for
Improved Efficiency
• PWM Output Frequency and LED Current Set
Through Resistors
• Optional Synchronization to Display VSYNC
Signal
• 4 LED Outputs with LED Fault (Short/Open)
Detection
• Low Input Voltage, Over-Temperature, Over-
Current Detection and Shutdown
• Minimum Number of External Components
• DSBGA 25-Bump Package, 2.466 x 2.466 x
0.6 mm

APPLICATIONS
• Notebook and Netbook LCD Display LED
Backlight
• LED Lighting

DESCRIPTION
The LP8553 is a white LED driver with integrated
boost converter. It has four adjustable current sinks which can be controlled by PWM input or with I2C-
compatible serial interface.
The boost converter has adaptive output-voltage control based on the LED driver voltages. This
feature minimizes the power consumption by
adjusting the voltage to lowest sufficient level in all
conditions.
LED outputs have 8-bit current resolution and up to
13-bit PWM resolution with additional 1-3 bit dithering
to achieve smooth and precise brightness control.
Proprietary Phase Shift PWM control is used for LED outputs to reduce peak current from the boost
converter, thus making the boost capacitors smaller.
The Phase Shifting scheme also eliminates audible
noise.




Similar Part No. - LP8553

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8553 TI1-LP8553 Datasheet
614Kb / 40P
High-Efficiency LED Backlight Driver for Notebooks
LP8553 TI1-LP8553 Datasheet
1Mb / 42P
LP8553 High-Efficiency LED Backlight Driver for Notebooks
LP8553TLE TI1-LP8553TLE Datasheet
614Kb / 40P
High-Efficiency LED Backlight Driver for Notebooks
LP8553TLE/NOPB TI1-LP8553TLE/NOPB Datasheet
1Mb / 42P
LP8553 High-Efficiency LED Backlight Driver for Notebooks
LP8553TLX TI1-LP8553TLX Datasheet
614Kb / 40P
High-Efficiency LED Backlight Driver for Notebooks
More results


Similar Description - LP8553

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8545 TI1-LP8545 Datasheet
623Kb / 40P
High-Efficiency LED Backlight Driver for Notebooks
LP8550 TI1-LP8550 Datasheet
188Kb / 6P
High-Efficiency LED Backlight Driver for Notebooks
LP8551 TI1-LP8551 Datasheet
186Kb / 6P
High-Efficiency LED Backlight Driver for Notebooks
LP8552 TI1-LP8552 Datasheet
571Kb / 39P
High-Efficiency LED Backlight Driver for Notebooks
LP8553 TI1-LP8553 Datasheet
614Kb / 40P
High-Efficiency LED Backlight Driver for Notebooks
LP8545 TI1-LP8545_14 Datasheet
1Mb / 44P
High-Efficiency LED Backlight Driver for Notebooks
LP8550 TI1-LP8550_14 Datasheet
1Mb / 49P
LP8550 High-Efficiency LED Backlight Driver for Notebooks
LP8551 TI1-LP8551_14 Datasheet
1Mb / 47P
LP8551 High-Efficiency LED Backlight Driver for Notebooks
LP8552 TI1-LP8552_14 Datasheet
1Mb / 49P
LP8552 High-Efficiency LED Backlight Driver For Notebooks
LP8553 TI1-LP8553_14 Datasheet
1Mb / 42P
LP8553 High-Efficiency LED Backlight Driver for Notebooks
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com