Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8553 Datasheet(PDF) 6 Page - Texas Instruments

Part # LP8553
Description  LP8553 High-Efficiency LED Backlight Driver for Notebooks
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP8553 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LP8553 Datasheet HTML 2Page - Texas Instruments LP8553 Datasheet HTML 3Page - Texas Instruments LP8553 Datasheet HTML 4Page - Texas Instruments LP8553 Datasheet HTML 5Page - Texas Instruments LP8553 Datasheet HTML 6Page - Texas Instruments LP8553 Datasheet HTML 7Page - Texas Instruments LP8553 Datasheet HTML 8Page - Texas Instruments LP8553 Datasheet HTML 9Page - Texas Instruments LP8553 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
LP8553
SNVS701B – SEPTEMBER 2011 – REVISED JANUARY 2014
www.ti.com
Electrical Characteristics
(1) (2)
Limits in standard typeface are for TA = 25°C. Limits in boldface type apply over the full operating junction temperature range
(
−30 °C ≤ TA ≤ +85°C). Unless otherwise specified: VIN = 12.0V, VDDIO = 2.8V, CVLDO = 1 μF, L1 = 15 μH, CIN = 10 μF, COUT =
10
μF. RISET = 16 kΩ
(3)
Symbol
Parameter
Condition
Min
Typ
Max
Units
Standby Supply Current
Internal LDO disabled
1
μA
EN=L and PWM=L
LDO enabled, boost enabled, no current
going through LED outputs
3.0
IIN
5 MHz PLL Clock
Normal Mode Supply Current
mA
10 MHz PLL Clock
3.7
20 MHz PLL Clock
4.7
40 MHz PLL Clock
6.7
fOSC
Internal Oscillator Frequency
−4
+4
%
Accuracy
−7
+7
VLDO
Internal LDO Voltage
4.5
5.0
5.5
V
ILDO
Internal LDO External Loading
5.0
mA
(1)
All voltages are with respect to the potential at the GND pins.
(2)
Min and Max limits are ensured by design, test, or statistical analysis. Typical numbers are not ensured, but do represent the most likely
norm.
(3)
Low-ESR Surface-Mount Ceramic Capacitors (MLCCs) used in setting electrical characteristics.
Boost Converter Electrical Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Units
RDSON
Switch ON Resistance
ISW = 0.5A
0.12
VMAX
Boost Maximum Output Voltage
40
V
9.0V
≤ VBATT, VOUT = 35V
450
Maximum Continuous Load
ILOAD
6.0V
≤ VBATT, VOUT = 35V
300
mA
Current
3.0V
≤ VBATT, VOUT = 25V
180
VOUT/VIN
Conversion Ratio
fSW = 1.25 MHz
10
BOOST_FREQ = 00
156
BOOST_FREQ = 01
312
fSW
Switching Frequency
kHz
BOOST_FREQ = 10
625
BOOST_FREQ = 11
1250
VOV
Over-voltage Protection Voltage
VBOOST + 1.6V
V
tPULSE
Switch Pulse Minimum Width
no load
50
ns
tSTARTUP
Startup Time
(1)
6
ms
BOOST_IMAX = 0
1.4
IMAX
SW Pin Current Limit
A
BOOST_IMAX = 1
2.5
(1)
Startup time is measured from the moment boost is activated until the VOUT crosses 90% of its target value.
LED Driver Electrical Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Units
ILEAKAGE
Leakage Current
Outputs OUT1...OUT4, VOUT = 40V
0.1
1
μA
EN_I_RES = 0, CURRENT[7:0] = FFh
30
Maximum Source Current
IMAX
mA
OUT1...OUT4
EN_I_RES = 1, CURRENT[7:0] = FFh
50
Output Current Accuracy
−3
+3
IOUT
Output current set to 23 mA, EN_I_RES = 1
%
(1)
−4
+4
IMATCH
Matching (1)
Output current set to 23 mA, EN_I_RES = 1
0.5
%
(1)
Output Current Accuracy is the difference between the actual value of the output current and programmed value of this current.
Matching is the maximum difference from the average. For the constant current sinks on the part (OUT1 to OUT4), the following are
determined: the maximum output current (MAX), the minimum output current (MIN), and the average output current of all outputs (AVG).
Two matching numbers are calculated: (MAX-AVG)/AVG and (AVG-MIN/AVG). The largest number of the two (worst case) is
considered the matching figure. The typical specification provided is the most likely norm of the matching figure for all parts. Note that
some manufacturers have different definitions in use.
6
Submit Documentation Feedback
Copyright © 2011–2014, Texas Instruments Incorporated
Product Folder Links: LP8553



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com