Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G6B Datasheet (PDF) - Omron Electronics LLC

G6B Datasheet PDF - Omron Electronics LLC
Part # G6B
Download  G6B Download
File Size   2503.72 Kbytes
Page   12 Pages
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC
Description PCB Power Relay

G6B Datasheet (PDF)

Go To PDF Page Download Datasheet
G6B Datasheet PDF - Omron Electronics LLC

Part # G6B
Download  G6B Click to download

File Size   2503.72 Kbytes
Page   12 Pages
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC
Description PCB Power Relay

G6B Datasheet (HTML) - Omron Electronics LLC


G6B Product details

High Capacity and High Dielectric Strength Miniature Relay with Fully Sealed Construction in 5 A (8 A) SPST-NO(1a), SPST-NO+SPST-NC(1a1b), DPST-NO(2a), DPST-NC(2b) Types

■Application Examples
• Ideal for output applications of control equipments




Similar Part No. - G6B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G6B ETC1-G6B Datasheet
423Kb / 7P
Sub-miniature Relay that Switches up to 5 A
logo
Omron Electronics LLC
G6B OMRON-G6B Datasheet
611Kb / 10P
Power PCB Relay
logo
Gulf Semiconductor
G6B GULFSEMI-G6B Datasheet
835Kb / 2P
MINIATURE GLASS PASSIVATED RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 1.0A
logo
Omron Electronics LLC
G6B OMRON-G6B Datasheet
542Kb / 9P
Subminiature Relay that Switches up to 5 A
logo
List of Unclassifed Man...
G6B-1114C-US ETC1-G6B-1114C-US Datasheet
423Kb / 7P
Sub-miniature Relay that Switches up to 5 A
More results


Similar Description - G6B

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RT2 MACOM-RT2 Datasheet
246Kb / 3P
Power PCB Relay
42900 MACOM-42900 Datasheet
271Kb / 3P
Power PCB Relay
logo
Omron Electronics LLC
G4W OMRON-G4W Datasheet
180Kb / 6P
PCB Power Relay
G2R OMRON-G2R Datasheet
562Kb / 14P
Power PCB Relay
G8PT OMRON-G8PT Datasheet
2Mb / 8P
Power PCB Relay
G2R-K-1AZ4-TE OMRON-G2R-K-1AZ4-TE Datasheet
2Mb / 14P
PCB Power Relay
G2R-1A-DC12 OMRON-G2R-1A-DC12 Datasheet
656Kb / 12P
Power PCB Relay
G6D-1A OMRON-G6D-1A Datasheet
125Kb / 4P
Power PCB Relay
logo
American Electronic Com...
DM43 AEC-DM43 Datasheet
261Kb / 3P
pcb power relay
logo
Willow Technologies Ltd
DG05 WILLOW-DG05 Datasheet
172Kb / 2P
pcb power relay
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com