Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G6B Datasheet (PDF) - VoltarisTech Inc

G6B Datasheet PDF - VoltarisTech Inc
Part # G6B
Download  G6B Download
File Size   348.14 Kbytes
Page   2 Pages
Manufacturer  VOLTARISTECH [VoltarisTech Inc]
Direct Link  https://www.voltaristech.com/
Logo VOLTARISTECH - VoltarisTech Inc
Description MINIATURE GLASS PASSIVATED RECTIFIER

G6B Datasheet (PDF)

Go To PDF Page Download Datasheet
G6B Datasheet PDF - VoltarisTech Inc

Part # G6B
Download  G6B Click to download

File Size   348.14 Kbytes
Page   2 Pages
Manufacturer  VOLTARISTECH [VoltarisTech Inc]
Direct Link  https://www.voltaristech.com/
Logo VOLTARISTECH - VoltarisTech Inc
Description MINIATURE GLASS PASSIVATED RECTIFIER

G6B Datasheet (HTML) - VoltarisTech Inc


G6B Product details

[Features]
Molded case feature for auto insertion
High current capability
Low leakage current
High surge capability
High temperature soldering guaranteed
250°C /10sec/0.375" lead length at 5 lbs tension
Glass Passivated chip




Similar Part No. - G6B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G6B ETC1-G6B Datasheet
423Kb / 7P
Sub-miniature Relay that Switches up to 5 A
logo
Omron Electronics LLC
G6B OMRON-G6B Datasheet
611Kb / 10P
Power PCB Relay
logo
Gulf Semiconductor
G6B GULFSEMI-G6B Datasheet
835Kb / 2P
MINIATURE GLASS PASSIVATED RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 1.0A
logo
Omron Electronics LLC
G6B OMRON-G6B Datasheet
542Kb / 9P
Subminiature Relay that Switches up to 5 A
G6B OMRON-G6B Datasheet
2Mb / 12P
PCB Power Relay
More results


Similar Description - G6B

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
CG2 GE-CG2 Datasheet
52Kb / 2P
MINIATURE CLAMPER / DAMPER GLASS PASSIVATED RECTIFIER
logo
GOOD-ARK Electronics
1G1 GOOD-ARK-1G1 Datasheet
180Kb / 2P
MINIATURE GLASS PASSIVATED JUNCTION RECTIFIER
HER1G1 GOOD-ARK-HER1G1 Datasheet
164Kb / 2P
MINIATURE HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
RL101G GOOD-ARK-RL101G Datasheet
182Kb / 2P
MINIATURE GLASS PASSIVATED JUNCTION RECTIFIER
logo
Vishay Siliconix
CGP15 VISHAY-CGP15 Datasheet
33Kb / 2P
Miniature Clamper/Damper Glass Passivated Rectifier
03-Jan-03
logo
Vaishali Semiconductor
CGP20 VAISH-CGP20 Datasheet
33Kb / 2P
Miniature Clamper/Damper Glass Passivated Rectifier
logo
Vishay Siliconix
EDF1AM VISHAY-EDF1AM Datasheet
95Kb / 4P
Miniature Glass Passivated Ultrafast Bridge Rectifier
14-Jan-08
logo
Shenzhen Taychipst Elec...
MPG06A TAYCHIPST-MPG06A Datasheet
2Mb / 2P
MINIATURE GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
logo
Vishay Siliconix
BY127MGP VISHAY-BY127MGP Datasheet
87Kb / 4P
Miniature Glass Passivated Junction Rectifier
20-Jan-11
BYX10GP VISHAY-BYX10GP_V01 Datasheet
71Kb / 4P
Miniature Glass Passivated Junction Rectifier
05-Oct-2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com