Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW4304C Datasheet (PDF) - TT Electronics.

SW4304C Datasheet PDF - TT Electronics.
Part # SW4304C
Download  SW4304C Download
File Size   275.14 Kbytes
Page   2 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description EUROPEAN 2-PIN PLUG-IN POWER SUPPLY 5 VDC 5 WATT

SW4304C Datasheet (PDF)

Go To PDF Page Download Datasheet
SW4304C Datasheet PDF - TT Electronics.

Part # SW4304C
Download  SW4304C Click to download

File Size   275.14 Kbytes
Page   2 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description EUROPEAN 2-PIN PLUG-IN POWER SUPPLY 5 VDC 5 WATT

SW4304C Datasheet (HTML) - TT Electronics.


SW4304C Product details

Features:
• European Fixed AC Head
• 1 Year Warranty
• Level VI Efficiency
• CE Approved
Description:
Our Range of Class II 5 Watt AC/DC European plug-in power supplies provide 5 Watts of continuous power in a compact fixed wall plug enclosure suitable for use in many general power applications.




Similar Part No. - SW4304C

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
SW4305D TTELEC-SW4305D Datasheet
274Kb / 2P
EUROPEAN 2-PIN PLUG-IN POWER SUPPLY 6 VDC 6 WATT
22/06/2020
SW4307C TTELEC-SW4307C Datasheet
382Kb / 2P
EUROPEAN 2-PIN PLUG-IN POWER SUPPLY 12VDC 6WATT
22/06/2020
SW4308-C TTELEC-SW4308-C Datasheet
409Kb / 2P
EUROPEAN 2-PIN PLUG-IN POWER SUPPLY 15VDC 7.5WATT
29/11/2022
SW4309C TTELEC-SW4309C Datasheet
232Kb / 2P
EUROPEAN 2-PIN PLUG-IN POWER SUPPLY 24VDC 12WATT
22/06/2020
More results


Similar Description - SW4304C

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSA05E-033 PHIHONG-PSA05E-033 Datasheet
107Kb / 2P
5 Watt - Universal Input - European Plug
logo
List of Unclassifed Man...
2112H10C3 ETC2-2112H10C3 Datasheet
398Kb / 2P
CORDSET - CONTINENTAL EUROPEAN EUROPEAN POWER SUPPLY CORD
1785010C3 ETC2-1785010C3 Datasheet
386Kb / 2P
CORDSET - CONTINENTAL EUROPEAN EUROPEAN POWER SUPPLY CORD
17810326C3 ETC2-17810326C3 Datasheet
72Kb / 2P
CORDSET - CONTINENTAL EUROPEAN EUROPEAN POWER SUPPLY CORD````
logo
Rosenberger Hochfrequen...
153QS15R-005N4 ROSENBERGER-153QS15R-005N4 Datasheet
227Kb / 2P
TERMINATION PLUG 5 WATT
logo
PHOENIX CONTACT
3024643 PHOENIX-3024643 Datasheet
50Kb / 2P
Plug-in bridge - FBSTB 2-5
3030370 PHOENIX-3030370 Datasheet
43Kb / 2P
Plug-in bridge - FBS 1/2/4/5-5
logo
WAGO Kontakttechnik Gmb...
750-623 WAGO-750-623 Datasheet
470Kb / 11P
Power Supply; 24 V/5 ??15 VDC
logo
TRACO Electronic AG
TMPW5-J TRACOPOWER-TMPW5-J Datasheet
940Kb / 4P
AC/DC Power Supply TMPW 5-J Series, 5 Watt
Rev. November 30, 2022
TMPW5 TRACOPOWER-TMPW5 Datasheet
963Kb / 4P
AC/DC Power Supply TMPW 5 Series, 5 Watt
Rev. November 30, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com