Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW4304C Datasheet(PDF) 1 Page - TT Electronics.

Part # SW4304C
Description  EUROPEAN 2-PIN PLUG-IN POWER SUPPLY 5 VDC 5 WATT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

SW4304C Datasheet(HTML) 1 Page - TT Electronics.

  SW4304C Datasheet HTML 1Page - TT Electronics. SW4304C Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
EUROPEAN 2-PIN PLUG-IN
POWER SUPPLY 5 VDC 5 WATT
POWERPAX: SW4304C
© TT Electronics plc
ISS.3 18/06/2020 Page: 1
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
TT Electronics IoT Solutions Ltd
Tofts Farm East, Brenda Road, Hartlepool, TS25 2BQ, UK
t: +44 (0) 1429 852 500
Features:
•
European Fixed AC Head
•
1 Year Warranty
•
Level VI Efficiency
•
CE Approved
Description:
Our Range of Class II 5 Watt AC/DC European plug-in power supplies provide 5 Watts of continuous power in a compact
fixed wall plug enclosure suitable for use in many general power applications.
Specification
Part Number
SW4304C
Input Voltage Range
90-264Vac
Input Frequency Range
50-60Hz
Input Current Rated
0.18A
Output Voltage Rating
5V
Output Current Range
1A
Output Min Current
0.01A
Output Connection Type
2.1x5.5x12mm Centre Positive – Straight
Total Output Regulation
+/- 5%
Line and Load Regulation
+/- 5%
Ripple & Noise
200mA
Efficiency
73.62%
Over Voltage Protection
Auto-recovery
Over Load Protection
Auto-recovery
Operating Temperature
0°C to +40°C
Storage Temperature
-20°C to +80°C
Operating Humidity
10%-90%
Storage Humidity
10%-90%
Hi-Pot
3000Vac, 5mA, 1 minute
Leakage Current
0.25mA.
Safety Standard
FCC part 15: Class B, EN55022:2010, Class B, GB9254-2008,
GB17625.1-2012
EMI Standard
TUV/VDE-EN60950-1, Declared& CE Mark
MTBF
30K Hours
Size mm max.
55.1(L) x 24.1(W) x 35.49(H)
Weight
70g
Regulator Type
Switched Mode Power Supply


Similar Part No. - SW4304C

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
SW4305D TTELEC-SW4305D Datasheet
274Kb / 2P
EUROPEAN 2-PIN PLUG-IN POWER SUPPLY 6 VDC 6 WATT
22/06/2020
SW4307C TTELEC-SW4307C Datasheet
382Kb / 2P
EUROPEAN 2-PIN PLUG-IN POWER SUPPLY 12VDC 6WATT
22/06/2020
SW4308-C TTELEC-SW4308-C Datasheet
409Kb / 2P
EUROPEAN 2-PIN PLUG-IN POWER SUPPLY 15VDC 7.5WATT
29/11/2022
SW4309C TTELEC-SW4309C Datasheet
232Kb / 2P
EUROPEAN 2-PIN PLUG-IN POWER SUPPLY 24VDC 12WATT
22/06/2020
More results

Similar Description - SW4304C

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSA05E-033 PHIHONG-PSA05E-033 Datasheet
107Kb / 2P
5 Watt - Universal Input - European Plug
logo
List of Unclassifed Man...
2112H10C3 ETC2-2112H10C3 Datasheet
398Kb / 2P
CORDSET - CONTINENTAL EUROPEAN EUROPEAN POWER SUPPLY CORD
1785010C3 ETC2-1785010C3 Datasheet
386Kb / 2P
CORDSET - CONTINENTAL EUROPEAN EUROPEAN POWER SUPPLY CORD
17810326C3 ETC2-17810326C3 Datasheet
72Kb / 2P
CORDSET - CONTINENTAL EUROPEAN EUROPEAN POWER SUPPLY CORD````
logo
Rosenberger Hochfrequen...
153QS15R-005N4 ROSENBERGER-153QS15R-005N4 Datasheet
227Kb / 2P
TERMINATION PLUG 5 WATT
logo
PHOENIX CONTACT
3024643 PHOENIX-3024643 Datasheet
50Kb / 2P
Plug-in bridge - FBSTB 2-5
3030370 PHOENIX-3030370 Datasheet
43Kb / 2P
Plug-in bridge - FBS 1/2/4/5-5
logo
WAGO Kontakttechnik Gmb...
750-623 WAGO-750-623 Datasheet
470Kb / 11P
Power Supply; 24 V/5 ??15 VDC
logo
TRACO Electronic AG
TMPW5-J TRACOPOWER-TMPW5-J Datasheet
940Kb / 4P
AC/DC Power Supply TMPW 5-J Series, 5 Watt
Rev. November 30, 2022
TMPW5 TRACOPOWER-TMPW5 Datasheet
963Kb / 4P
AC/DC Power Supply TMPW 5 Series, 5 Watt
Rev. November 30, 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com