Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NS486SXF Datasheet (PDF) - Texas Instruments

NS486SXF Datasheet PDF - Texas Instruments
Part # NS486SXF
Download  NS486SXF Download
File Size   553.1 Kbytes
Page   48 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description NS486TMSXF Optimized 32-Bit 486-Class Controller with On-Chip Peripherals for Embedded Systems

NS486SXF Datasheet (PDF)

Go To PDF Page Download Datasheet
NS486SXF Datasheet PDF - Texas Instruments

Part # NS486SXF
Download  NS486SXF Click to download

File Size   553.1 Kbytes
Page   48 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description NS486TMSXF Optimized 32-Bit 486-Class Controller with On-Chip Peripherals for Embedded Systems

NS486SXF Datasheet (HTML) - Texas Instruments


NS486SXF Product details

General Description
The NS486SXF is a highly integrated embedded system
controller incorporating an Intel486TM-class 32-bit processor,
all of the necessary System Service Elements, and a
set of peripheral I/O controllers tailored for embedded control
systems. It is ideally suited for a wide variety of applications
running in a segmented protect-mode environment.

Key Features
100% compatible with VxWorksÉ, VRTXÉ, QNXÉ Neutrino,
pSOSaTM, and other popular real-time executives
and operating system kernels
Intel486 instruction set compatible (protected mode
only) with optimized performance
CPU includes a 1 Kbyte Instruction Cache
Operation at 25 MHz with 5V supply
Low cost 160-pin PQFP package
Industry standard interrupt controller, timers, real time
clock, UART with IrDA v1.0 (Infrared Data Association)
port
Intel 82365 compatible PCMCIA interface
Protected WATCHDOGTM timer
Optimized DRAM Controller (supports two banks, up to
8 Mbytes each)
Up to nine versatile, programmable chip selects
Glueless interface to ISA peripherals
Arbitration support for auxiliary processor
Four external DMA channels (max. transfer rate of 25
MByte/sec @ 25 MHz) support many transfer modes
High performance IEEE 1284 (ECP) Bidirectional
Parallel Port
MICROWIRETM/Access.bus synchronous serial
interfaces
LCD Controller for an up to 4 grey scale supertwist
Liquid Crystal Displays up to 480 X 320
Reconfigurable I/O: Up to 29 I/O pins can be used as
general purpose bidirectional I/O lines
Flexible, programmable, multilevel power saving modes
maximize power savings




Similar Part No. - NS486SXF

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
NS486SXF NSC-NS486SXF Datasheet
444Kb / 44P
NS486TMSXF Optimized 32-Bit 486-Class Controller with On-Chip Peripherals for Embedded Systems
logo
Texas Instruments
NS486SXF TI1-NS486SXF Datasheet
482Kb / 46P
Optimized 32-Bit 486-Class Controller
NS486SXF-25/NOPB TI1-NS486SXF-25/NOPB Datasheet
482Kb / 46P
Optimized 32-Bit 486-Class Controller
More results


Similar Description - NS486SXF

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
NS486SXF NSC-NS486SXF Datasheet
444Kb / 44P
NS486TMSXF Optimized 32-Bit 486-Class Controller with On-Chip Peripherals for Embedded Systems
logo
fujitsu semiconductor
MB86831 FUJITSU-MB86831 Datasheet
1Mb / 82P
32-bit Embedded Controller
logo
Intel Corporation
M82380 INTEL-M82380 Datasheet
1Mb / 134P
HIGH PERFORMANCE 32-BIT DMA CONTROLLER WITH INTEGRATED SYSTEM SUPPORT PERIPHERALS
logo
National Semiconductor ...
NS486SXL NSC-NS486SXL Datasheet
466Kb / 6P
Optimized 32-Bit 486-Class Controller with On-Chip Peripherals for Embedded Systems
logo
Freescale Semiconductor...
MCF5271EC FREESCALE-MCF5271EC Datasheet
1Mb / 56P
32-bit Embedded Controller Division
logo
Sharp Corporation
LH79525 SHARP-LH79525 Datasheet
132Kb / 2P
16/32-bit System-on-Chip with Color LCD Controller
logo
Winbond
87541V WINBOND-87541V Datasheet
135Kb / 4P
Embedded Controller for Mobile Systems
logo
Microchip Technology
MM7150 MICROCHIP-MM7150 Datasheet
316Kb / 28P
High Performance 32-bit Embedded Controller
01/27/15
logo
Texas Instruments
NS486SXF TI1-NS486SXF Datasheet
482Kb / 46P
Optimized 32-Bit 486-Class Controller
logo
Winbond
PC97551 WINBOND-PC97551 Datasheet
268Kb / 6P
Embedded Controller for Notebook Systems
February 2006 Revision 1.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com