Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LH79525 Datasheet (PDF) - Sharp Corporation

LH79525 Datasheet PDF - Sharp Corporation
Part # LH79525
Download  LH79525 Download
File Size   132.14 Kbytes
Page   2 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description 16/32-bit System-on-Chip with Color LCD Controller

LH79525 Datasheet (PDF)

Go To PDF Page Download Datasheet
LH79525 Datasheet PDF - Sharp Corporation

Part # LH79525
Download  LH79525 Click to download

File Size   132.14 Kbytes
Page   2 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description 16/32-bit System-on-Chip with Color LCD Controller

LH79525 Datasheet (HTML) - Sharp Corporation


LH79525 Product details

DESCRIPTION
The LH79525 is a low cost microcontroller that utilizes the ARM720T core integrated with a wide variety of functions including the capability to control STN, color STN, TFT, HR-TFT, and AD-TFT displays with up to 4,096 colors.
   
FEATURES
• ARM720T™ Core
    – High Performance (77.4 MHz)
    – 8KB cache
    – MMU
• 16KB On-chip SRAM
• 10/100 BaseT Ethernet MAC
• USB 2.0 Full Speed Device
• Clock and Power Management
    – Low Power Modes – Active, Standby, Sleep, Stop1, Stop2
• Color LCD Controller
    – 12-bit (4,096) Direct Mode Color
    – Up to VGA (800 × 600)
    – 8-bit (256) Direct or Palletized Color
    – Up to XGA (1,024 × 768)
    – 12-bit Video Bus
    – Supports STN, TFT, HR-TFT, AD-TFT
• Ten Input, 10-bit A/D Converter with Integrated Touch Screen Controller
• Four DMA Channels
• SDRAM Controller
• NAND Flash Support
• Serial Interfaces
    – Three 16C550 UARTs, with 9-bit capability
    – Classic IrDA (115 Kbit/s)
    – SSP
    – I2C
    – I2S Codec Interface
• External Bus Interface
    – Six Chip Selects Providing Glueless Interface to Off-Chip
        Memories and Peripherals
    – 24 Address Bits
    – 16 Data Bits   
• Real Time Clock (RTC)
    – Operates from 32 kHz XTAL
• 72 GPIO, 8 GPI, 6 GPO
• Three 16-bit Counter/Timers with Capture/Compare/PWM Capability
• Watchdog Timer
• Low Voltage Detector
• JTAG Debug Interface and Boundary Scan
• 3.3 V Operating Voltage
• 5 V Tolerant I/O
• On-chip 3.3 V to 1.8 V Linear Regulator
• -40°C to +85°C Operating Temperature
• 176-pin LQFP Package
   
APPLICATIONS:
    PDA • GPS • POS
    Networking
    Medical
    Test & Measurement
    Security
   




Similar Part No. - LH79525

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LH79525 NXP-LH79525 Datasheet
979Kb / 64P
System-on-Chip
Rev. 01-16 July 2007
LH79525N0Q100A0 NXP-LH79525N0Q100A0 Datasheet
979Kb / 64P
System-on-Chip
Rev. 01-16 July 2007
LH79525N0Q100A1 NXP-LH79525N0Q100A1 Datasheet
979Kb / 64P
System-on-Chip
Rev. 01-16 July 2007
More results


Similar Description - LH79525

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SNL310 SONIX-SNL310 Datasheet
739Kb / 24P
16-bit LCD Controller
logo
Sharp Corporation
SHARP_LH7A404 SHARP-SHARP_LH7A404 Datasheet
387Kb / 51P
32 BIT SYSTEM ON CHIP
logo
NEC
UPD161401 NEC-UPD161401 Datasheet
647Kb / 124P
256-COLOR, 1/80-DUTY LCD CONTROLLER/DRIVER WITH ON-CHIP RAM
logo
Sharp Corporation
LH7A400 SHARP-LH7A400 Datasheet
446Kb / 53P
32-Bit System-on-Chip
logo
Cirrus Logic
EP7211 CIRRUS-EP7211 Datasheet
2Mb / 166P
HIGH-PERFORMANCE ULTRA-LOW-POWER SYSTEM-ON-CHIP WITH LCD CONTROLLER
logo
SONiX Technology Compan...
SNL320 SONIX-SNL320_06 Datasheet
345Kb / 27P
16-Bit LCD Controller
logo
Infineon Technologies A...
XC236X INFINEON-XC236X Datasheet
4Mb / 99P
16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V0.1, June 2007
logo
List of Unclassifed Man...
SPFD54126B ETC2-SPFD54126B Datasheet
2Mb / 232P
528-CHANNEL DRIVER WITH SYSTEM-ON-CHIP (SOC) FOR COLOR AMORPHOUS TFT LCD
logo
NXP Semiconductors
LH7A400 NXP-LH7A400 Datasheet
842Kb / 65P
32-Bit System-on-Chip
Rev. 01-16 July 2007
LH7A404 NXP-LH7A404 Datasheet
1Mb / 75P
32-Bit System-on-Chip
2007
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com