Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNL310 Datasheet (PDF) - SONiX Technology Company

SNL310 Datasheet PDF - SONiX Technology Company
Part # SNL310
Download  SNL310 Download
File Size   739.6 Kbytes
Page   24 Pages
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company
Description 16-bit LCD Controller

SNL310 Datasheet (PDF)

Go To PDF Page Download Datasheet
SNL310 Datasheet PDF - SONiX Technology Company

Part # SNL310
Download  SNL310 Click to download

File Size   739.6 Kbytes
Page   24 Pages
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company
Description 16-bit LCD Controller

SNL310 Datasheet (HTML) - SONiX Technology Company


SNL310 Product details

1. INTRODUCTION

SNL310 is a high performance 16-bit DSP base processor with an 8-bit microprocessor interface to drive various external devices, such as standard mask ROM, Flash, SRAM and 1-bit/8-bit interface LCD drivers. Besides, this chip also provides a UART interface to communicatewith PC or other devices This chip is not only a simply controller but also a powerful software voice synthesizer to realize voice hi-compression, 4-ch wave-table melody.



2. FEATURES

Power supply: 2.4V ~ 3.6V (for 2 batteries application)

                   3.6V ~ 5.1V (for 3 batteries application)

Built-in 16-bit DSP

Software-based voice/melody processing

Rich Function Instruction Set

16MHz crystal or R-C type oscillator for system clock

8 MIPS CPU performances under 16MHz

I/O Ports: 64 I/O pins (P2.0~P2.15, P3.0~P3.15, P4.0~P4.15 and P5.0~P5.15)

ROM size: 96K*16 bits

RAM size: 4k*16 bits (including LCD RAM)

8 Interrupt Sources

  4 internal interrupt (T0, T1, T2 and RTC)

  3 external interrupt (P3.0~P3.2)

  1 DA/PWM output

Two voice/melody channels or 4 channels wave-table melody

Three 8-bit timers with auto-reload function

Built-in 32768 crystal for Real Time Clock

Built in PWM direct drive circuit and fixed current D/A output

Sampling Rate: 4KHz ~16KHz

Built-in software voice synthesizer for multiple bit-rate solution

UART interface provided




Similar Part No. - SNL310

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SNL320 SONIX-SNL320 Datasheet
345Kb / 27P
16-Bit LCD Controller
SNL320 SONIX-SNL320_06 Datasheet
345Kb / 27P
16-Bit LCD Controller
More results


Similar Description - SNL310

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH79525 SHARP-LH79525 Datasheet
132Kb / 2P
16/32-bit System-on-Chip with Color LCD Controller
logo
SONiX Technology Compan...
SNL320 SONIX-SNL320_06 Datasheet
345Kb / 27P
16-Bit LCD Controller
logo
List of Unclassifed Man...
ML620Q151A ETC2-ML620Q151A Datasheet
759Kb / 36P
16-bit micro controller
logo
LAPIS Semiconductor Co....
ML620Q151A LAPIS-ML620Q151A Datasheet
759Kb / 36P
16-bit micro controller
ML620Q151B LAPIS-ML620Q151B Datasheet
825Kb / 36P
16-bit micro controller
logo
Generalplus Technology ...
GPCE4XXXX GENERALPLUS-GPCE4XXXX Datasheet
1Mb / 49P
16-bit Sound Controller
GPL95100UA GENERALPLUS-GPL95100UA Datasheet
900Kb / 22P
16--bit High--end Interactive LCD Toy & Game Controller
GPL95101UA GENERALPLUS-GPL95101UA Datasheet
779Kb / 18P
High--end 16--bit Interactive LCD Toy & Game Controller
GPL169256A GENERALPLUS-GPL169256A Datasheet
1Mb / 17P
16-bit LCD Controller with 2368 Dots Driver
logo
Rohm
FEDL62Q2700 ROHM-FEDL62Q2700 Datasheet
3Mb / 55P
16-bit micro controller
Feb 17, 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com