Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNL310 Datasheet(PDF) 3 Page - SONiX Technology Company

Part # SNL310
Description  16-bit LCD Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNL310 Datasheet(HTML) 3 Page - SONiX Technology Company

  SNL310 Datasheet HTML 1Page - SONiX Technology Company SNL310 Datasheet HTML 2Page - SONiX Technology Company SNL310 Datasheet HTML 3Page - SONiX Technology Company SNL310 Datasheet HTML 4Page - SONiX Technology Company SNL310 Datasheet HTML 5Page - SONiX Technology Company SNL310 Datasheet HTML 6Page - SONiX Technology Company SNL310 Datasheet HTML 7Page - SONiX Technology Company SNL310 Datasheet HTML 8Page - SONiX Technology Company SNL310 Datasheet HTML 9Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
SNL310
16-Bit LCD Controller
1. INTRODUCTION
SNL310 is a high performance 16-bit DSP base processor with an 8-bit
microprocessor interface to drive various external devices, such as standard mask
ROM, Flash, SRAM and 1-bit/8-bit interface LCD drivers. Besides, this chip also
provides a UART interface to communicate with PC or other devices This chip is not
only a simply controller but also a powerful software voice synthesizer to realize voice
hi-compression, 4-ch wave-table melody.
2. FEATURES
♦
♦
♦
♦
♦
♦
♦
♦
♦
♦
−
−
−
♦
♦
♦
♦
♦
♦
♦
Power supply: 2.4V ~ 3.6V (for 2 batteries application)
3.6V ~ 5.1V (for 3 batteries application)
Built-in 16-bit DSP
Software-based voice/melody processing
Rich Function Instruction Set
16MHz crystal or R-C type oscillator for system clock
8 MIPS CPU performances under 16MHz
I/O Ports: 64 I/O pins (P2.0~P2.15, P3.0~P3.15, P4.0~P4.15 and P5.0~P5.15)
ROM size: 96K*16 bits
RAM size: 4k*16 bits (including LCD RAM)
8 Interrupt Sources
4 internal interrupt (T0, T1, T2 and RTC)
3 external interrupt (P3.0~P3.2)
1 DA/PWM output
Two voice/melody channels or 4 channels wave-table melody
Three 8-bit timers with auto-reload function
Built-in 32768 crystal for Real Time Clock
Built in PWM direct drive circuit and fixed current D/A output
Sampling Rate: 4KHz ~16KHz
Built-in software voice synthesizer for multiple bit-rate solution
UART interface provided
Ver: 1.7
May 2, 2003
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com