Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNL310 Datasheet(PDF) 20 Page - SONiX Technology Company

Part # SNL310
Description  16-bit LCD Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNL310 Datasheet(HTML) 20 Page - SONiX Technology Company

Back Button SNL310 Datasheet HTML 16Page - SONiX Technology Company SNL310 Datasheet HTML 17Page - SONiX Technology Company SNL310 Datasheet HTML 18Page - SONiX Technology Company SNL310 Datasheet HTML 19Page - SONiX Technology Company SNL310 Datasheet HTML 20Page - SONiX Technology Company SNL310 Datasheet HTML 21Page - SONiX Technology Company SNL310 Datasheet HTML 22Page - SONiX Technology Company SNL310 Datasheet HTML 23Page - SONiX Technology Company SNL310 Datasheet HTML 24Page - SONiX Technology Company  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
SNL310
16-Bit LCD Controller
11. APPLICATION DIAGRAM
11.1 Application 1
3V/16M Crystal, with 8-Bit LCD driver and 32M Flash memory
VDD
VDD
VDD
VDD
1.5V
1.5V
VDD
C10
47uF
Y2
16MHZ
C14
15pF
C15
15pF
P4.0
45
P4.1
44
P4.2
43
P4.3
42
P4.4
40
P4.5
39
P4.6
38
P4.7
36
P4.15
27
P4.14
29
P4.13
30
P4.12
31
P4.11
32
P4.10
33
P4.9
34
P4.8
35
U1
S6B1713
DUMMY
TEMPS
INTRS
HPM
DCDC5B
BSTS
V0
V1
V2
V3
V4
VR
C1-
C1+
C2-
C2+
C3-
C3+
VOUT
VDD
VSS
PS
MI
CLS
MS
DUTY1
DUTY0
DB7_SID
DB6_SCLK
DB5
DB3
DB2
DB1
DB0
E_RD
RW_WR
RS
RESETB
CS2
CS1B
DISP
CL
M
FRS
DUMMY
DB4
VDD
VDD
C1-
C1+
C2-
C2+
C3-
C3+
V0
V1
V2
V3
V4
D7
D6
D5
D4
D3
D2
D1
D0
RD
C3+
C3-
C2+
C1-
C1+
C2-
V3
V4
V2
V1
V0
A1
WR
RST
CS0\
Ver: 1.7
May 2, 2003
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com