Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNL310 Datasheet(PDF) 7 Page - SONiX Technology Company

Part # SNL310
Description  16-bit LCD Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNL310 Datasheet(HTML) 7 Page - SONiX Technology Company

Back Button SNL310 Datasheet HTML 3Page - SONiX Technology Company SNL310 Datasheet HTML 4Page - SONiX Technology Company SNL310 Datasheet HTML 5Page - SONiX Technology Company SNL310 Datasheet HTML 6Page - SONiX Technology Company SNL310 Datasheet HTML 7Page - SONiX Technology Company SNL310 Datasheet HTML 8Page - SONiX Technology Company SNL310 Datasheet HTML 9Page - SONiX Technology Company SNL310 Datasheet HTML 10Page - SONiX Technology Company SNL310 Datasheet HTML 11Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
SNL310
16-Bit LCD Controller
Input data
Typical value of output current (mA)
0
0
1
3/1024
…
n
n*(3/1024)
…
1024
3
7.2 PWM
A PWM (pulse width modulation) circuit is built-in SNL310. PWM can convert input
digital data into pulse trains with suitable different pulse width. The maximum
resolution of PWM is 10 bits. Two huge output stage circuits are included in SNL310.
Both of them are capable of driving speaker directly. The recommended application
circuit is as follows.
VCC
BUO1/VO
1K
BUO1/VO
BUO2
DAC output
PWM output
Ver: 1.7
May 2, 2003
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com