Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNL310 Datasheet(PDF) 23 Page - SONiX Technology Company

Part # SNL310
Description  16-bit LCD Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNL310 Datasheet(HTML) 23 Page - SONiX Technology Company

Back Button SNL310 Datasheet HTML 16Page - SONiX Technology Company SNL310 Datasheet HTML 17Page - SONiX Technology Company SNL310 Datasheet HTML 18Page - SONiX Technology Company SNL310 Datasheet HTML 19Page - SONiX Technology Company SNL310 Datasheet HTML 20Page - SONiX Technology Company SNL310 Datasheet HTML 21Page - SONiX Technology Company SNL310 Datasheet HTML 22Page - SONiX Technology Company SNL310 Datasheet HTML 23Page - SONiX Technology Company SNL310 Datasheet HTML 24Page - SONiX Technology Company  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
SNL310
16-Bit LCD Controller
13. ABSOLUTE MAXIMUM RATINGS
Items
Symbol
Min
Max
Unit.
Supply Voltage
VDD-V
-0.3
6.0
V
Input Voltage
VIN
GND-0.3
VDD+0.3
V
Operating Temperature
TOP
0
55
oC
Storage Temperature
TSTG
-55.0
125.0
oC
14. ELECTRICAL CHARACTERISTICS
Item
Sym. Min. Typ. Max. Unit
Condition
Operating Voltage
VDD
2.4
-
3.6
V
*1.
VDD
3.6
-
5.1
V
*2.
Standby current
ISBY
-
-
2.0
uA VDD=3V, no load
Operating Current
IOPR
-
-
5
mA VDD=3V, no load
Input current of P2, P3, P4,
P5
IIH
-
-
10.0
uA VDD=3V,VIN=3V
Drive current of P2, P3, P4,
P5
IOD
-
10
-
mA VDD=3V,VO=2.4V
Sink Current of P2, P3, P4,
P5
IOS
-
12
-
mA VDD=3V,VO=0.4V
Drive current of Buo1
IOD
100
120
-
mA VDD=3V,Buo1=1.5V
Sink Current of Buo1
IOS
100
120
-
mA VDD=3V,Buo1=1.5V
Drive Current of Buo2
IOD
100
120
-
mA VDD=3V,Buo2=1.5V
Sink Current of Buo2
IOS
100
120
-
mA VDD=3V,Buo2=1.5V
Oscillation Freq. (crystal)
FOSC
-
16.0
-
MHz VDD=3V
Note:
1. For 2 batteries application.
2. For 3 batteries application, user should add 1 resister between power and
CVDD pin of chip.
Ver: 1.7
May 2, 2003
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com