Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNL310 Datasheet(PDF) 10 Page - SONiX Technology Company

Part # SNL310
Description  16-bit LCD Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNL310 Datasheet(HTML) 10 Page - SONiX Technology Company

Back Button SNL310 Datasheet HTML 6Page - SONiX Technology Company SNL310 Datasheet HTML 7Page - SONiX Technology Company SNL310 Datasheet HTML 8Page - SONiX Technology Company SNL310 Datasheet HTML 9Page - SONiX Technology Company SNL310 Datasheet HTML 10Page - SONiX Technology Company SNL310 Datasheet HTML 11Page - SONiX Technology Company SNL310 Datasheet HTML 12Page - SONiX Technology Company SNL310 Datasheet HTML 13Page - SONiX Technology Company SNL310 Datasheet HTML 14Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
SNL310
16-Bit LCD Controller
The addressing capacity of each external device is showed in Table-2. The memory
allocation of each bank is 64K words and the addressing region of each device totally
includes 64 banks except 1st device. In fact, the RAM bank of 1st device is shared with
internal memory of SNL310, so there are only 56 banks in the first device. In another
hand, user can not use full memory location in the first device. The actual addressing
capacity of first device is less than 64M bits (64M bits – 8M bits) = 56M bits in 16-bit
mode.
User's Data
or
Program
32M Bit Non-Use
0x0000000
0x03FFFFF
0x01FFFFF
0x0200000
Figure-7
User's Data
or
Program
8M Bit Non-Use
0x0000000
0x03FFFFF
0x0040000
0x003FFFF
Figure-8
Ver: 1.7
May 2, 2003
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com