Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNL310 Datasheet(PDF) 4 Page - SONiX Technology Company

Part # SNL310
Description  16-bit LCD Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNL310 Datasheet(HTML) 4 Page - SONiX Technology Company

  SNL310 Datasheet HTML 1Page - SONiX Technology Company SNL310 Datasheet HTML 2Page - SONiX Technology Company SNL310 Datasheet HTML 3Page - SONiX Technology Company SNL310 Datasheet HTML 4Page - SONiX Technology Company SNL310 Datasheet HTML 5Page - SONiX Technology Company SNL310 Datasheet HTML 6Page - SONiX Technology Company SNL310 Datasheet HTML 7Page - SONiX Technology Company SNL310 Datasheet HTML 8Page - SONiX Technology Company SNL310 Datasheet HTML 9Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
SNL310
16-Bit LCD Controller
3. PIN ASSIGNMENTS
Symbol
Descriptions
No. of PIn
Pin Count
XIN
High speed clock crystal input / RC-type oscillator input
1
1
XOUT
High speed clock crystal output / RC-type oscillator input
1
2
LXIN
Low speed clock crystal input
1
3
LXOUT
Low speed clock crystal output
1
4
CKSEL
Crystal/RC-type oscillator select for high speed clock
1
5
BP0
PWM output 1
1
6
BN0
PWM output 2
1
7
VO
DA output
1
8
RST
Chip reset
1
9
CVDD
Positive power supply for core circuit
2
11
VDD
Positive power supply
6
17
GND
Negative power supply
8
25
TEST
For test only
1
26
P2.0~P2.15 General I/O port P2.0~P2.15
16
42
P3.0~P3.10 General I/O port P3.0~P3.10
P3.0: INT0 / RxD pin of UART interface
P3.1: INT1 / TxD pin of UART interface
P3.2: INT2
P3.3: IR output
P3.4~P3.5: general I/O
P3.6: LCD serial data output (LSD)
P3.7: LCD serial mode clock out1 (LCO1)
P3.8: LCD serial mode clock out2 (LCO2)
P3.9: LCD frame inversion control
P3.10: COM data synchronize signal / E_R
P3.11~P3.14: chip select pin CS3~CS0
P3.15:address pin A[22] for 16-bit mode of extension
Bus
16
58
P4.0~P4.15 General I/O port P4.0~P4.15
Address bus A[0..15] of external device interface
16
74
P5.0~P5.15 General I/O port
P5.0~P5.5: address bus A[16..21] of external device interface
P5.6: WRB / RDB of external device interface
P5.7: Enb / RDB of external device interface
P5.8~P5.15: data bus D[0..7] of extension bus
16
90
Ver: 1.7
May 2, 2003
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com